Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9312-NZW Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN9312-NZW
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9312-NZW Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN9312-NZW Datasheet HTML 67Page - Microchip Technology LAN9312-NZW Datasheet HTML 68Page - Microchip Technology LAN9312-NZW Datasheet HTML 69Page - Microchip Technology LAN9312-NZW Datasheet HTML 70Page - Microchip Technology LAN9312-NZW Datasheet HTML 71Page - Microchip Technology LAN9312-NZW Datasheet HTML 72Page - Microchip Technology LAN9312-NZW Datasheet HTML 73Page - Microchip Technology LAN9312-NZW Datasheet HTML 74Page - Microchip Technology LAN9312-NZW Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 460 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
71
Revision 2.0 (02-14-13)
DATASHEET
6.4.6
Ingress Flow Metering and Coloring
The LAN9312 supports hardware ingress rate limiting by metering packet streams and marking packets
as either Green, Yellow, or Red according to three traffic parameters: Committed Information Rate
(CIR), Committed Burst Size (CBS), and Excess Burst Size (EBS). A packet is marked Green if it does
not exceed the CBS, Yellow if it exceeds to CBS but not the EBS, or Red otherwise.
Ingress flow metering and coloring is enabled via the Ingress Rate Enable bit in the Switch Engine
Ingress Rate Configuration Register (SWE_INGRSS_RATE_CFG). Once enabled, each incoming
packet is classified into a stream. Streams are defined as per port (3 streams), per priority (8 streams),
or per port & priority (24 streams) as selected via the Rate Mode bits in the Switch Engine Ingress
Rate Configuration Register (SWE_INGRSS_RATE_CFG). Each stream can have a different CIR
setting. All streams share common CBS and EBS settings. CIR, CBS, and EBS are programmed via
the Switch Engine Ingress Rate Command Register (SWE_INGRSS_RATE_CMD) and Switch Engine
Ingress Rate Write Data Register (SWE_INGRSS_RATE_WR_DATA).
Each stream is metered according to RFC 2697. At the rate set by the CIR, two token buckets are
credited per stream. First, the Committed Burst bucket is incremented up to the maximum set by the
CBS. Once the Committed Burst bucket is full, the Excess Burst bucket is incremented up to the
maximum set by the EBS. The CIR rate is specified in time per byte. The value programmed is in
approximately 20 nS per byte increments. Typical values are listed in Table 6.3. When a port is
receiving at 10Mbps, any setting faster than 39 has the effect of not limiting the rate.
11 - Listening
Received packets on the port are
discarded.
Transmissions to the port are blocked.
Learning on the port is disabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU may send packets to the port in this
state.
10 - Learning
Received packets on the port are
discarded.
Transmissions to the port are blocked.
Learning on the port is enabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU may send packets to the port in this
state.
00 - Forwarding
Received packets on the port are
forwarded normally.
Transmissions to the port are sent
normally.
Learning on the port is enabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU may send packets to the port in this
state.
Table 6.2 Spanning Tree States (continued)
Port State
Hardware Action
Software Action


Similar Part No. - LAN9312-NZW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
More results

Similar Description - LAN9312-NZW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
LAN9311 SMSC-LAN9311 Datasheet
5Mb / 459P
   Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
logo
ASIX Electronics Corpor...
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
   High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
Microchip Technology
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
   Three Port Ethernet Switch Controller with 32-bit PCI Interface
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com