Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9312-NZW Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN9312-NZW
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9312-NZW Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN9312-NZW Datasheet HTML 65Page - Microchip Technology LAN9312-NZW Datasheet HTML 66Page - Microchip Technology LAN9312-NZW Datasheet HTML 67Page - Microchip Technology LAN9312-NZW Datasheet HTML 68Page - Microchip Technology LAN9312-NZW Datasheet HTML 69Page - Microchip Technology LAN9312-NZW Datasheet HTML 70Page - Microchip Technology LAN9312-NZW Datasheet HTML 71Page - Microchip Technology LAN9312-NZW Datasheet HTML 72Page - Microchip Technology LAN9312-NZW Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 460 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
69
Revision 2.0 (02-14-13)
DATASHEET
6.4.3.1
Port Default Priority
As detailed in Figure 6.5, the default priority is based on the ingress ports priority bits in its port VID
value. The PVID table is read and written by using the Switch Engine VLAN Command Register
(SWE_VLAN_CMD), Switch Engine VLAN Write Data Register (SWE_VLAN_WR_DATA), Switch
Engine VLAN Read Data Register (SWE_VLAN_RD_DATA), and Switch Engine VLAN Command
Status Register (SWE_VLAN_CMD_STS). Refer to Section 14.5.3.8, on page 376 through Section
14.5.3.11, on page 379 for detailed VLAN register descriptions.
6.4.3.2
IP Precedence Based Priority
The transmit priority queue can be chosen based on the Precedence bits of the IPv4 TOS octet. This
is supported for tagged and non-tagged packets for both type field and length field encapsulations. The
Precedence bits are the three most significant bits of the IPv4 TOS octet.
6.4.3.3
DIFFSERV Based Priority
The transmit priority queue can be chosen based on the DIFFSERV usage of the IPv4 TOS or IPv6
Traffic Class octet. This is supported for tagged and non-tagged packets for both type field and length
field encapsulations.
The DIFFSERV table is used to determine the packet priority from the 6-bit Differentiated Services (DS)
field. The DS field is defined as the six most significant bits of the IPv4 TOS octet or the IPv6 Traffic
Class octet and is used as an index into the DIFFSERV table. The output of the DIFFSERV table is
then used as the priority. This priority is then passed through the Traffic Class table to select the
transmit priority queue.
Note: The DIFFSERV table is not initialized upon reset or power-up. If DIFFSERV is enabled, then
the full table must be initialized by the host.
The DIFFSERV table is read and written by using the Switch Engine DIFFSERV Table Command
Register (SWE_DIFFSERV_TBL_CFG), Switch Engine DIFFSERV Table Write Data Register
(SWE_DIFFSERV_TBL_WR_DATA), Switch Engine DIFFSERV Table Read Data Register
(SWE_DIFFSERV_TBL_RD_DATA), and Switch Engine DIFFSERV Table Command Status Register
(SWE_DIFFSERV_TBL_CMD_STS). Refer to Section 14.5.3.12, on page 380 through Section
14.5.3.15, on page 383 for detailed DIFFSERV register descriptions.
6.4.3.4
VLAN Priority
As detailed in Figure 6.5, the transmit priority queue can be taken from the priority field of the VLAN
tag. The VLAN priority is sent through a per port Priority Regeneration table, which is used to map the
VLAN priority into a user defined priority.
The Priority Regeneration table is programmed by using the Switch Engine Port 0 Ingress VLAN
Priority Regeneration Table Register (SWE_INGRSS_REGEN_TBL_MII), Switch Engine Port 1 Ingress
VLAN Priority Regeneration Table Register (SWE_INGRSS_REGEN_TBL_1), and Switch Engine Port
2 Ingress VLAN Priority Regeneration Table Register (SWE_INGRSS_REGEN_TBL_2). Refer to
Section 14.5.3.33, on page 403 through Section 14.5.3.35, on page 405 for detailed descriptions of
these registers.


Similar Part No. - LAN9312-NZW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
More results

Similar Description - LAN9312-NZW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
LAN9311 SMSC-LAN9311 Datasheet
5Mb / 459P
   Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
logo
ASIX Electronics Corpor...
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
   High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
Microchip Technology
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
   Three Port Ethernet Switch Controller with 32-bit PCI Interface
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com