Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5614P Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD5614P
Description  60V P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5614P Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD5614P Datasheet HTML 1Page - Fairchild Semiconductor FDD5614P Datasheet HTML 2Page - Fairchild Semiconductor FDD5614P Datasheet HTML 3Page - Fairchild Semiconductor FDD5614P Datasheet HTML 4Page - Fairchild Semiconductor FDD5614P Datasheet HTML 5Page - Fairchild Semiconductor FDD5614P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDD5614P Rev C(W)
Typical Characteristics
0
2
4
6
8
10
04
8
12
16
Qg, GATE CHARGE (nC)
ID = -4.5A
V
DS = -40V
-20V
-30V
0
200
400
600
800
1000
0
1020
3040
5060
-VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
CRSS
COSS
f = 1MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 96
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 96°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 96°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDD5614P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P Datasheet
106Kb / 6P
   60V P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD5614P VBSEMI-FDD5614P Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD5614P ISC-FDD5614P Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P_05 Datasheet
106Kb / 6P
   60V P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDD5614P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9407 FAIRCHILD-NDS9407_02 Datasheet
142Kb / 5P
   60V P-Channel PowerTrench MOSFET
NDS9948 FAIRCHILD-NDS9948_10 Datasheet
265Kb / 6P
   Dual 60V P-Channel PowerTrench??MOSFET
NDS9948 FAIRCHILD-NDS9948_02 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDS9948 ONSEMI-NDS9948 Datasheet
272Kb / 7P
   Dual 60V P-Channel PowerTrench??MOSFET
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
FDC5614P FAIRCHILD-FDC5614P Datasheet
140Kb / 5P
   60V P-Channel Logic Level PowerTrench MOSFET
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com