Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1681TE12LF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1681TE12LF
Description  Power Amplifier Applications Power Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1681TE12LF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1681TE12LF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1681TE12LF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1681TE12LF Datasheet HTML 3Page - Toshiba Semiconductor 2SA1681TE12LF Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1681
2006-11-09
3
VCE (sat) – IC
VBE (sat) – IC
IC – VCE
hFE – IC
Collector current IC (A)
Collector-emitter voltage VCE (V)
Collector-emitter voltage VCE (V)
Collector current IC (A)
Base-emitter voltage VBE (V)
Collector current IC (A)
0
−6
−2
−1
0
−2.4
Common emitter
Ta
= 25°C
−1.6
IB = −2 mA
−5
−3
−2.0
−1.2
−0.4
−4
0
−100
−70
−20
−50
−10
−30
−6
−0.8
−15
−4
−1 m
500
−10 m
−300 m
−3 m
300
Common emitter
VCE = −2 V
30
−30 m −100 m
5
Ta
= 100°C
100
50
−5
25
−25
10
−1
−3
−1 m
−10
−10 m
−300 m
−3 m
Common emitter
IC/IB = 20
−30 m −100 m
−10 m
Ta
= 100°C
−5
25
−25
−1
−1
−3
−30 m
−50 m
−100 m
−300 m
−500 m
−3
−5
−2
−0.3
−0.1
Ta
= −25°C
25
100
−1 m
−10 m
−300 m
−3 m
−30 m −100 m
−1
−3
−1
−0.5
Common emitter
IC/IB = 20
Safe Operating Area
IC – VBE
0
−1.0
−0.6
−0.8
−0.2
−0.4
0
−1.2
−0.4
Common emitter
VCE = −2 V
−1.6
−0.8
−2.0
−1.2
Ta
= 100°C
25
−25
−100 m
−3
−300 m
−3 m
−100 m
−10
*: Single no repetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
Tested without a substrate.
−500 m
−1
DC operation
(Ta
= 25°C)
−10 m
−300 m
−10
−5 m
−30 m
−50 m
IC max (pulse)*
IC max (continuous)
100 ms*
10 ms*
1 ms*
VCEO max
−100
−30
−5
−1
−3


Similar Part No. - 2SA1681TE12LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1681 TOSHIBA-2SA1681 Datasheet
175Kb / 3P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1681 TOSHIBA-2SA1681 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1681 KEXIN-2SA1681 Datasheet
378Kb / 3P
   Power Switching Applications
logo
Toshiba Semiconductor
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1681 KEXIN-2SA1681_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - 2SA1681TE12LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com