Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG2504 Datasheet(PDF) 2 Page - First Components International

Part # FG2504
Description  25.0 Amps. Glass Passivated Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG2504 Datasheet(HTML) 2 Page - First Components International

  FG2504 Datasheet HTML 1Page - First Components International FG2504 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (FG2501G THRU FG2507G)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
50
0
300
200
100
400
500
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.4
0.2
1
4
2
10
20
40
100
200
400
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
0.4
0.2
1
4
40
2
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
1
0
5
10
50
100
1000
500
20
40
60
100
80
120
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
175
8
10
15
20
25
30
CASE TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load


Similar Part No. - FG2504

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FG256 MICROSEMI-FG256 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
FG256 MICROSEMI-FG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
FG256 ACTEL-FG256 Datasheet
824Kb / 108P
   SX-A Family FPGAs
logo
Microsemi Corporation
FG256 MICROSEMI-FG256 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
FG256 MICROSEMI-FG256 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - FG2504

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FG25A01 FCI-FG25A01 Datasheet
192Kb / 2P
   25.0 Amps. Glass Passivated Power Rectifiers High reliability
logo
Taiwan Semiconductor Co...
P2500M TSC-P2500M Datasheet
236Kb / 4P
   25.0 AMPS. Glass Passivated Rectifier
TS25P01G TSC-TS25P01G_09 Datasheet
338Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_1 Datasheet
115Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_11 Datasheet
140Kb / 2P
   Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005 Datasheet
286Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBJ25005 THINKISEMI-GBJ25005 Datasheet
422Kb / 2P
   25.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G_1 Datasheet
61Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com