Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG16A06 Datasheet(PDF) 1 Page - First Components International

Part # FG16A06
Description  16.0 Amps Glass Passivated Power STD Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG16A06 Datasheet(HTML) 1 Page - First Components International

  FG16A06 Datasheet HTML 1Page - First Components International FG16A06 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Dimensions
Cases: TO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/10 seconds .16”,(4.06mm) from case.
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
FG
16A01
FG
16A02
FG
16A03
FG
16A04
FG
16A05
FG
16A06
FG
16A07
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TC = 100
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@8.0A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
at Rated DC Blocking Voltage @ TC=125
IR
10
250
uA
uA
Typical Junction Capacitance ( Note 1)
Cj
50
pF
Typical Thermal Resistance (Note 2)
R
θJC
1.5
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
- 65 to + 150
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25”
Al-Plate
Description
Mechanical Dimensions
1
1
1
3
3
3
2
2
2
Double Suffix ‘‘D’’
Common Anode Suffix ‘‘A’’
Common Cathode Suffix ‘‘C’’
CASE
CASE
CASE
Preliminary Data Sheet
TO-220AB
Dimensions in inchs
16.0 Amps Glass Passivated
Power STD Rectifiers
Weight: 2.24 grams


Similar Part No. - FG16A06

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
FG1601CT YEASHIN-FG1601CT Datasheet
403Kb / 3P
   FAST RECOVERY
FG1601FCT YEASHIN-FG1601FCT Datasheet
434Kb / 3P
   FAST RECOVERY
logo
List of Unclassifed Man...
FG1620 ETC2-FG1620 Datasheet
86Kb / 2P
   Fiberglass Omnidirectional Wireless Antennas
FG1623 ETC2-FG1623 Datasheet
86Kb / 2P
   Fiberglass Omnidirectional Wireless Antennas
logo
Laird Tech Smart Techno...
FG1623 LSTD-FG1623 Datasheet
399Kb / 1P
   Custom UV protection coating
More results

Similar Description - FG16A06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP1601 TSC-GP1601_1 Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_1 Datasheet
260Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GP1601 TSC-GP1601_10 Datasheet
528Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GP1601 TSC-GP1601 Datasheet
91Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601 Datasheet
51Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_09 Datasheet
1Mb / 3P
   16.0 AMPs. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_10 Datasheet
569Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
GPF1601 TSC-GPF1601 Datasheet
111Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com