Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ372NZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDZ372NZ
Description  N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ372NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDZ372NZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 6Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 2010
©2010 Fairchild Semiconductor Corporation
FDZ372NZ Rev.C2
www.fairchildsemi.com
1
FDZ372NZ
N-Channel 1.5 V Specified PowerTrench® Thin WL-CSP MOSFET
20 V, 4.7 A, 50 m
Features
Max rDS(on) = 50 mΩ at VGS = 4.5 V, ID = 2 A
Max rDS(on) = 60 mΩ at VGS = 2.5 V, ID = 2 A
Max rDS(on) = 72 mΩ at VGS = 1.8 V, ID = 1 A
Max rDS(on) = 93 mΩ at VGS = 1.5 V, ID = 1 A
Occupies only 1.0 mm2 of PCB area. Less than 30% of the
area of 2x2 BGA
Ultra-thin package: less than 0.4 mm height when mounted
to PCB
HBM ESD protection level > 3200V (Note3)
RoHS Compliant
General Description
Designed on Fairchild's advanced 1.5 V PowerTrench® process
with state of the art "fine pitch" Thin WLCSP packaging process,
the FDZ372NZ minimizes both PCB space and rDS(on). This
advanced WLCSP MOSFET embodies a breakthrough in
packaging technology which enables the device to combine
excellent thermal transfer characteristics, ultra-low profile
packaging, low gate charge, and low rDS(on).
Applications
Battery management
Load switch
Battery protection
BOTTOM
TOP
D
S
S
G
Pin 1
WL-CSP 1.0X1.0 Thin
Pin 1
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
20
V
VGS
Gate to Source Voltage
±8
V
ID
Drain Current
-Continuous
TA = 25 °C
(Note 1a)
4.7
A
-Pulsed
12
PD
Power Dissipation
TA = 25 °C
(Note 1a)
1.7
W
Power Dissipation
TA = 25 °C
(Note 1b)
0.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
75
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1b)
260
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
L
FDZ372NZ
WL-CSP 1.0x1.0 Thin
7 ’’
8 mm
5000 units


Similar Part No. - FDZ372NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results

Similar Description - FDZ372NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com