Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR2090 Datasheet(PDF) 1 Page - First Components International

Part # FBR2090
Description  20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBR2090 Datasheet(HTML) 1 Page - First Components International

  FBR2090 Datasheet HTML 1Page - First Components International FBR2090 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Pulse Test 0.5 ms, Duty Cycle 1/40
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
FBR2060 . . . 20100 Series
Data Sheet
20 Amp High Voltage
SCHOTTKY BARRIER
RECTIFIERS
Units
............................................. 20 ...............................................
............................................. 120 ...............................................
......................................... -40 to 125 ..........................................
......................................... + 125 ..........................................
............................................. .85 ...............................................
............................................. .95 ...............................................
............................................. 3.0 ...............................................
............................................. 1.5 ...............................................
Volts
Volts
Amps
Amps
°C
°C
Volts
Volts
mAmps
°C / W
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
Average Forward Rectified Current...I
o
T
C = 110°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Conditions, Sinosoidal Wave,
60Hz, 1 Cycle, T
J = 125°C
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ I
F = 10 Amps
@ I
F = 20 Amps
Maximum DC Reverse Current (@ V
R = VRM)...IR
@ Rated DC Blocking Voltage
Thermal Resistance, Junction to Case...R
θJC
FBR2060
FBR2080
FBR2090
FBR20100
60
80
90
100
Volts
JEDEC
T0-220AB
1
3
Case
2
1
3
2
Common Anode Suffix ‘‘A’’
CASE
1
3
2
Common Cathode Suffix ‘‘C’’
CASE
Electrical Characteristics
60
80
90
100
60
80
90
100


Similar Part No. - FBR2090

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR2090 FCI-FBR2090 Datasheet
123Kb / 2P
   20 Amp HV SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR2090

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBRF2020 FCI-FBRF2020 Datasheet
107Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRD2060 FCI-FBRD2060 Datasheet
97Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR2080CT UNIOHM-SR2080CT Datasheet
69Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR2030 FCI-FBR2030 Datasheet
100Kb / 2P
   20 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR20200F SECOS-SBR20200F_11 Datasheet
408Kb / 2P
   20 Amp Schottky Barrier Rectifiers
logo
Microsemi Corporation
FST2135 MICROSEMI-FST2135 Datasheet
137Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR20100 SECOS-SBR20100 Datasheet
304Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SRS20100 SECOS-SRS20100_15 Datasheet
154Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SBR20100 SECOS-SBR20100_15 Datasheet
230Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SRS20100 SECOS-SRS20100 Datasheet
154Kb / 2P
   20 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com