Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4754A Datasheet(PDF) 2 Page - First Components International

Part # DL4754A
Description  1 Watt [3.3~100V] ZENER DIODES Junction Temp.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

DL4754A Datasheet(HTML) 2 Page - First Components International

  DL4754A Datasheet HTML 1Page - First Components International DL4754A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal
Izt (mA)
Maximum
Maxinum
Maxinum
MAX SURGE
MAX
Zener Voltage
Test Test
Zener Impedance Zener Impedance Zener Impedance
CURRENT
REGULATOR
FCI
Vz@ Izt
Izt
Zzt@ Izt
Zzk @ Izk
Izk
IR
suffix B
IR
Izm(mA)
V
(mA)
Ohm
Ohm
(mA)
(uA)
(V)
(mA)
(mA)
DL4728A
3.3
76
10
400.0
1.0
100
1
1380
276
DL4729A
3.6
69
10
400.0
1.0
100
1
1260
252
DL4730A
3.9
64
9
400.0
1.0
50
1
1170
234
DL4731A
4.3
58
9
400.0
1.0
10
1
1080
217
DL4732A
4.7
53
8
500.0
1.0
10
1
965
193
DL4733A
5.1
49
7
550.0
1.0
10
1
890
178
DL4734A
5.6
45
5
600.0
1.0
10
2
810
162
DL4735A
6.2
41
2
700.0
1.0
10
3
730
146
DL4736A
6.8
37
3.5
700.0
0.5
10
4
660
133
DL4737A
7.5
34
4
700.0
0.5
10
5
605
121
DL4738A
8.2
31
4.5
700.0
0.5
10
6
550
110
DL4739A
9.1
28
5
700.0
0.25
10
7
500
100
DL4740A
10
25
7
700.0
0.25
5
7.6
454
91
DL4741A
11
23
8
700.0
0.25
5
8.4
414
83
DL4742A
12
21
9
700.0
0.25
5
9.1
380
76
DL4743A
13
19
10
700.0
0.25
5
9.9
344
69
DL4744A
15
17
14
700.0
0.25
5
11.4
304
61
DL4745A
16
15.5
16
700.0
0.25
5
12.2
285
57
DL4746A
18
14
20
750.0
0.25
5
13.7
250
50
DL4747A
20
12.5
22
750.0
0.25
5
15.2
225
45
DL4748A
22
11.5
23
750.0
0.25
5
16.7
205
41
DL4749A
24
10.5
25
750.0
0.25
5
18.2
190
38
DL4750A
27
9.5
35
750.0
0.25
5
20.6
170
34
DL4751A
30
8.5
40
1000.0
0.25
5
22.8
150
30
DL4752A
33
7.5
45
1000.0
0.25
5
25.1
135
27
DL4753A
36
7
50
1000.0
0.25
5
27.4
125
25
DL4754A
39
6.5
60
1000.0
0.25
5
29.7
115
23
DL4755A
43
6
70
1500.0
0.25
5
32.7
110
22
DL4756A
47
5.5
80
1500.0
0.25
5
35.8
95
19
DL4757A
51
5
95
1500.0
0.25
5
38.8
90
18
DL4758A
56
4.5
110
2000.0
0.25
5
42.6
80
16
DL4759A
62
4
125
2000.0
0.25
5
47.1
70
14
DL4760A
68
3.7
150
2000.0
0.25
5
51.7
65
13
DL4761A
75
3.3
175
2000.0
0.25
5
56
60
12
DL4762A
82
3
200
3000.0
0.25
5
62.2
55
11
DL4763A
91
2.8
250
3000.0
0.25
5
69.2
50
10
DL4764A
100
2.5
350
3000.0
0.25
5
76
45
9
MELF
Standard voltage tolerance is +/-10% no suffix, suffix"A"for +/-5%
1 Watt
Maximum
package
Reverse Current
Data Sheet
Watt
1
ZENER DIODES
(3.3~100V)


Similar Part No. - DL4754A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4754A RECTRON-DL4754A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Yangzhou yangjie electr...
DL4754A YANGJIE-DL4754A Datasheet
191Kb / 3P
   Zener Diodes
logo
Dc Components
DL4754A DCCOM-DL4754A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Rugao Dachang Electroni...
DL4754A DACHANG-DL4754A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Formosa MS
DL4754A FORMOSA-DL4754A Datasheet
82Kb / 3P
   Zener diode
More results

Similar Description - DL4754A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com