Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT244AMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHCT244AMX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT244AMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHCT244AMX Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT244AMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT244A Rev. 1.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(5)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Notes:
2. HIGH or LOW state. IOUT absolute maximum rating must be observed.
3. When outputs are in OFF-STATE or when VCC = 0V.
4. VOUT < GND, VOUT > VCC (Outputs Active).
5. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
Note 2
Note 3
–0.5V to VCC + 0.5V
–0.5V to +7.0V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current(4)
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±75mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
4.5V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
Note 2
Note 3
0V to VCC
0V to +5.5V
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time, VCC = 5.0V ± 0.5V
0ns/V ~ 20ns/V


Similar Part No. - 74VHCT244AMX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT244AM STMICROELECTRONICS-74VHCT244AM Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHCT244AM FAIRCHILD-74VHCT244AM Datasheet
98Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT244AM FAIRCHILD-74VHCT244AM Datasheet
231Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHCT244AM ONSEMI-74VHCT244AM Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT244AMTC FAIRCHILD-74VHCT244AMTC Datasheet
98Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74VHCT244AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com