Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD10AN06A0 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD10AN06A0
Description  N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD10AN06A0 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD10AN06A0 Datasheet HTML 1Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 2Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 3Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 4Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 5Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 6Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 7Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 8Page - Fairchild Semiconductor FDD10AN06A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDD10AN06A0 Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 8.58mH, IAS = 10A.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD10AN06A0
FDD10AN06A0
TO-252AA
330mm
16mm
2500 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 50V
-
-
1
µA
VGS = 0V
TC = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 50A, VGS = 10V
-
0.0094 0.0105
ID = 25A, VGS = 6V
-
0.015
0.027
ID = 50A, VGS = 10V,
TJ = 175
oC
-
0.020
0.023
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
1840
-
pF
COSS
Output Capacitance
-
340
-
pF
CRSS
Reverse Transfer Capacitance
-
110
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 30V
ID = 50A
Ig = 1.0mA
28
37
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
3.5
4.6
nC
Qgs
Gate to Source Gate Charge
-
9.8
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
6.4
-
nC
Qgd
Gate to Drain “Miller” Charge
-
7.8
-
nC
tON
Turn-On Time
VDD = 30V, ID = 50A
VGS = 10V, RGS = 10Ω
--
131
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
79
-
ns
td(OFF)
Turn-Off Delay Time
-
32
-
ns
tf
Fall Time
-
32
-
ns
tOFF
Turn-Off Time
-
-
97
ns
VSD
Source to Drain Diode Voltage
ISD = 50A
-
-
1.25
V
ISD = 25A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 50A, dISD/dt = 100A/µs-
-
27
ns
QRR
Reverse Recovered Charge
ISD = 50A, dISD/dt = 100A/µs-
-
23
nC


Similar Part No. - FDD10AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
More results

Similar Description - FDD10AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
FDB10AN06A0 FAIRCHILD-FDB10AN06A0 Datasheet
265Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 75A, 10.5m?
FDD10AN06_F085 FAIRCHILD-FDD10AN06_F085_12 Datasheet
390Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
FDD14AN06LA0 FAIRCHILD-FDD14AN06LA0 Datasheet
227Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm
logo
First Components Intern...
FM50N06 FCI-FM50N06 Datasheet
271Kb / 5P
   50A 60V N Channel Mosfet
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com