Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8S Datasheet(PDF) 2 Page - First Components International

Part # D8S
Description  0.8 Amp Glass Passivated Single Phase Silicon Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

D8S Datasheet(HTML) 2 Page - First Components International

  D8S Datasheet HTML 1Page - First Components International D8S Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance from junction to ambient and junction to lead mounted on PCB with 0.5” x 0.5” copper pads.
Fig. 1 Max. Non-Repetitive Surge Current
Fig. 2 Derating Curve for Output Rectified Current
Fig. 3 Typical Forward Characteristics
Fig. 4 Typical Reverse Characteristics
0.8
1.0
1.2
1.6
1.4
0.8 Amp G la s s P a s s iva ted
S ingle P ha s e S ilic on B ridge


Similar Part No. - D8S

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D8SB10 SSE-D8SB10 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D8SB10 LRC-D8SB10 Datasheet
61Kb / 2P
   84(SIP) BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
D8SB100 SSE-D8SB100 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D8SB100 LRC-D8SB100 Datasheet
61Kb / 2P
   84(SIP) BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
D8SB20 SSE-D8SB20 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
More results

Similar Description - D8S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
   Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
ABS2-280-8A-29 DGNJDZ-ABS2-280-8A-29 Datasheet
411Kb / 2P
   Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
RABF2 DYELEC-RABF2_17 Datasheet
5Mb / 3P
   SINGLE PHASE 0.8 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
EABS1 DYELEC-EABS1 Datasheet
1Mb / 2P
   SINGLE PHASE 0.8 AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB1YS MCC-MB1YS Datasheet
259Kb / 3P
   0.8 Amp Single Phase Glass Passivated Bridge Rectifier 1600 Volts
logo
First Components Intern...
W005G FCI-W005G Datasheet
125Kb / 2P
   1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
GBJ6005 FCI-GBJ6005 Datasheet
78Kb / 2P
   6.0 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com