Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC653 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC653
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC653 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC653 Datasheet HTML 1Page - Fairchild Semiconductor FDC653 Datasheet HTML 2Page - Fairchild Semiconductor FDC653 Datasheet HTML 3Page - Fairchild Semiconductor FDC653 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
o C
31
mV /
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55
oC
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.7
2
V
V
GS(th)/TJ
Gate Threshold VoltageTemp.Coefficient
I
D = 250 µA, Referenced to 25
o C
-4.2
mV /
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 5 A
0.027
0.035
T
J = 125
oC
0.042
0.056
V
GS = 4.5 V, ID = 4.2 A
0.046
0.055
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
8
A
g
FS
Forward Transconductance
V
DS = 10 V, ID= 5 A
6.2
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
350
pF
C
oss
Output Capacitance
f = 1.0 MHz
220
pF
C
rss
Reverse Transfer Capacitance
80
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 10 V, ID = 1 A,
7.5
15
ns
t
r
Turn - On Rise Time
V
GS = 4.5 V, RGEN = 6
12
25
ns
t
D(off)
Turn - Off Delay Time
13
25
ns
t
f
Turn - Off Fall Time
6
15
ns
Q
g
Total Gate Charge
V
DS = 15 V, ID = 5 A,
12
17
nC
Q
gs
Gate-Source Charge
V
GS = 10 V
2.1
nC
Q
gd
Gate-Drain Charge
2.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Continuous Source Diode Current
1.3
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 1.3 A
(Note 2)
0.75
1.2
V
T
J = 125
oC
0.6
1
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
a. 78
oC/W when mounted on a minimum on a 1 in2 pad of 2oz Cu in FR-4 board.
b. 156
oC/W when mounted on a minimum pad of 2oz Cu in FR-4 board.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC653N Rev.C


Similar Part No. - FDC653

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6506 FAIRCHILD-FDC6506 Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC654P FAIRCHILD-FDC654P Datasheet
74Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDC653

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com