Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8JX-G15012 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8JX-G15012
Description  Offers Flexible Selection, High Reliability and Ease of Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G15012 Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8JX-G15012 Datasheet HTML 1Page - Omron Electronics LLC S8JX-G15012 Datasheet HTML 2Page - Omron Electronics LLC S8JX-G15012 Datasheet HTML 3Page - Omron Electronics LLC S8JX-G15012 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Use Screw or DIN Rail Mounting Even with 300-W Models
Two Mounting Methods for Simple Installation
In addition to front mounting and top mounting,
you can mount models up to 300-W to DIN Rail for
simple installation that reduces installation work.
*Only screw mounting is possible for 600-W models
*Use a steel DIN Rail for 300-W Power Supplies.
The thermal design and circuit design of the 300-W
models were improved to achieve a fan-free structure.
This eliminates the need to replace fans every few
years and greatly reduces the risk of lowering the
insulation resistance due to dust drawn in by the fan.
*The 600-W models have fans.
The S8JX Power Supplies have a shorter body than
OMRON’s S82J Power Supplies. This allows them
to fit into tighter spots to contribute to smaller,
thinner control panels and devices in this age
where functionality and mounting density continue
to increase.
The Shortest Body Class in the Industry
Contributes to Thinner Panels
*For 50-W model with front mounting.
(Comparison to Previous OMRON Models)
145 mm
110mm
lim
imple
Voltage Specifications from 5 V to 48 V
More Output Voltage Specifications for
an Expanded Lineup
S
S
electable
S
Application is now possible with 48-V equipment.
More Applications
mooth
S
You can handle more applications smoothly, including motor
drive and power supply systems.
Models with Covers
Open-frame Models
Models with Covers
Open-frame Models
Models with Covers
Open-frame Models
15W / 35W
50W
100W / 150W
300W
600W
Models with Covers
Models with Covers
5v
12v
15v
24v
48v
15w
35w
50w 100w 150w 300w 600w
Easy mounting from
the top with screws.
Screw Mounting from Top
Compact right-angle
mounting bracket enclosed
for easy mounting.
Front Mounting
Standard Power Supply with Fan
S8JX(300-W Models)
Fan replacement every 2 to 3 years
Dust drawn in by fan
No fan for reduced risk from dust
Fan-free means maintenance-free
by
Length Reduced
30%
The 300-W models need no fan
Fan-free Design for Maintenance-free Operation
Vehicle manufacturing
equipment
Wind power generation
Elevators
Conveyors
Robots
Ships
Voltage
Power
rating
2


Similar Part No. - S8JX-G15012

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G15012 OMRON-S8JX-G15012 Datasheet
2Mb / 28P
   Switch Mode Power Supply
S8JX-G15012 OMRON-S8JX-G15012 Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G15012C OMRON-S8JX-G15012C Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G15012CD OMRON-S8JX-G15012CD Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G15012D OMRON-S8JX-G15012D Datasheet
2Mb / 28P
   Switch Mode Power Supply
More results

Similar Description - S8JX-G15012

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN5369 DYNEX-AN5369 Datasheet
58Kb / 3P
   Selection Of SCRs For Parallel Operation
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-16-1A6 OMRON-V-16-1A6 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
   Ease of Paralleling
06/23/16
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Seoul Semiconductor
SWW0CS07S SEOUL-SWW0CS07S Datasheet
829Kb / 23P
   High reliability and High quality of light
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CQ10A SEOUL-SWW0CQ10A Datasheet
894Kb / 23P
   High reliability and High quality of light
SWW0CD10B SEOUL-SWW0CD10B Datasheet
1Mb / 23P
   High reliability and High quality of light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com