Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC6506P Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDC6506P
Description  Dual P-Channel Logic Level PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6506P Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDC6506P Datasheet HTML 1Page - Fairchild Semiconductor FDC6506P Datasheet HTML 2Page - Fairchild Semiconductor FDC6506P Datasheet HTML 3Page - Fairchild Semiconductor FDC6506P Datasheet HTML 4Page - Fairchild Semiconductor FDC6506P Datasheet HTML 5Page - Fairchild Semiconductor FDC6506P Datasheet HTML 6Page - Fairchild Semiconductor FDC6506P Datasheet HTML 7Page - Fairchild Semiconductor FDC6506P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDC6506P Rev. C
FDC6506P
Dual P-Channel Logic Level PowerTrench
™ MOSFET
February 1999
©1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1a)
-1.8
A
- Pulsed
-10
PD
Power Dissipation for Single Operation
(Note 1a)
0.96
W
(Note 1b)
0.9
(Note 1c)
0.7
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
130
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
.506
FDC6506P
7’’
8mm
3000 units
5
6
4
2
3
1
General Description
These P-Channel logic level MOSFETs are produced using
Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize
on-state resistance and yet maintain low gate charge for
superior switching performance.
These devices have been designed to offer exceptional
power dissipation in a very small footprint for applications
where the bigger more expensive SO-8 and TSSOP-8
packages are impractical.
Applications
Load switch
Battery protection
Power management
Features
-1.8 A, -30 V. R
DS(on)
= 0.170
Ω @ V
GS
= -10 V
R
DS(on)
= 0.280
Ω @ V
GS
= -4.5 V
Low gate charge (2.3nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
SuperSOTTM-6 package: small footprint (72% smaller
than standard SO-8); low profile (1mm thick).
D1
S2
G1
D2
S1
G2
SuperSOT
-6
TM


Similar Part No. - FDC6506P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDC6506P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4925DY FAIRCHILD-SI4925DY Datasheet
70Kb / 5P
   Dual P-Channel, Logic Level, PowerTrench MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com