Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF51822 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NRF51822
Description  Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF51822 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NRF51822 Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF51822 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S110 protocol stack
ThenRF51822iscomplementedby
theS110Softwarestack.TheS110
isacompleteBluetoothlowenergy
stacksupportingtheperipheral
andbroadcasterGAProles.Itoffers
GATT/GAPandL2CAPAPIstothe
application.TheS110protocolstack
canbedownloadedalongwithadopted
Bluetoothlowenergyprofilesfrom
NordicSemiconductor.
Development tools
NordicSemiconductorprovidesacompleterangeofhardware
andsoftwaredevelopmenttoolsforthenRF51seriesdevices.For
moreinformationcontactus.
SPECIFICATIONS
RELATED PRODUCTS
Frequencyband
2.4GHzISM(2.40000–2.4835GHz)
On-airdatarate
250kbps,1Mbpsor2Mbps
Modulation
GFSK
Outputpower
Programmable:+4to-20dBmin4dBsteps
Sensitivity
-92.5dBmBluetoothlowenergy
-96dBmat250kb
-90dBmat1Mbs
-85dBmat2Mbs
Radiocurrent
consumptionLDO
at1.8V
16mA–TXat+4dBMoutputpower
10.5mA–TXat0dBmoutputpower
13mA–RXat1Mbs
Radiocurrent
consumption
DC-DCat3V
10.5mA–TXat+4dBmoutputpower
8.1mA–TXat0dBmoutputpower
9.5mA–RXat1Mbs
Microcontroller
32-bitARMCortexM0
ProgramMemory
256kBFlash
RAM
16kB
Oscillators
16MHzcrystaloscillator
16MHzRCoscillator
32kHzcrystaloscillator
32kHzRCoscillator(±250ppm)
Systemcurrent
consumption
420nA–NoRAMretention
530nA-8kRAMretention
2µA–AllperipheralsinIDLEmode
HardwareSecurity
128-bitAESECB/CCM/AARco-processor
GPIO
31configurable
DigitalI/O
X2HardwareSPImaster
2X2-wiremaster
UART
Quadraturedemodulator
Peripherals
10-bitADC
RNG
Temperaturesensor
RTC
PPI
16-channel
Voltageregulator
LDO(1.8to3.6V),
LDObypass(1.75to1.95V)
BuckDC/DC(2.1to3.6V)
Timers/counters
2x16bit,1x24bit,2x24bit,RTC
Packageoptions
RoHScompliant48-pin6x6QFN
nRF6700
nRFgoStarterKit
nRF51822-DK
nRF51822DevelopKit
nRF51422
ANTmulti-protocolSoC
Easy, fast and safe code development
ThenRF51822offersdevelopersacleanseparationbetween
applicationcodedevelopmentandembeddedprotocolstacks.
Thismeanscompile,linkandrun-timedependencieswiththe
embeddedstackandassociatedde-buggingchallengesare
removed.TheBluetoothlowenergystackisapre-compiledbinary
availablefromNordicSemiconductor,leavingapplicationcode
tobecompiledstand-alone.Theembeddedstackinterfaceuses
anasynchronousandevent-drivenmodelremovingtheneedfor
RTOSframeworks.Developerscanconcentratewithconfidence
onwhattheydobest-developingapplications.
Maximum re-use and easy migration
ThedevicesinthenRF51seriesarepincompatibleenabling
migrationbetweentechnologiessuchasBluetoothlowenergy
andANTwithnolayoutchanges.ThecommonHWarchitecture
ensuresthatonecodebasecanbere-usedeffortlesslybetween
nRF51seriesdevices.VariantsinthenRF51seriesenablesimple
choicestailoringdeviceselectiontodesiredwirelessprotocoland
featurerequirementswithlittleornochanges.
Application code
Bluetooth
Low Energy
Protocol
Stack
SoC
Gazell
Protocol
Stack
TRONDHEIM,
NORWAY
SEOUL, KOREA
OSLO, NORWAY
TOKYO, JAPAN
HONG KONG,
CHINA
SAN JOSE, USA
Headquarters:
Trondheim, Norway
Tel: +47 72 89 89 00
For more information
Visitwww.nordicsemi.comforthecompleteprod-
uctspecificationaboutthisandanyotherwireless
ULPproducts.
About Nordic Semiconductor
NordicSemiconductorisafablesssemiconductor
companyspecializinginULPshort-rangewireless
communication.Nordicisapubliccompanylisted
ontheNorwegianstockexchange.
WORLD WIDE
OFFICE LOCATIONS
LAGUNA,
PHILIPPINES
TAIPEI,
TAIWAN


Similar Part No. - NRF51822

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
NRF51802-QCAA-R NORDIC-NRF51802-QCAA-R Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
NRF51802-QCAA-R7 NORDIC-NRF51802-QCAA-R7 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
NRF51802-QCAA-T NORDIC-NRF51802-QCAA-T Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
NRF51802-QFAA-R NORDIC-NRF51802-QFAA-R Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
More results

Similar Description - NRF51822

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF52832 NORDIC-NRF52832 Datasheet
230Kb / 2P
   Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
Version 1.7
logo
Texas Instruments
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
   Bluetooth low energy wireless system-on-chip
logo
Cypress Semiconductor
CYW20736 CYPRESS-CYW20736 Datasheet
938Kb / 47P
   Single-Chip Bluetooth Low Energy System-On-Chip
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com