Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXR7-RW50 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # LXR7-RW50
Description  High Flux Density and Efficacy
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXR7-RW50 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button LXR7-RW50 Datasheet HTML 5Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 6Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 7Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 8Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 9Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 10Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 11Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 12Page - Lumileds Lighting Company LXR7-RW50 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LUXEONMDatasheetDS10320130418©2013PhilipsLumiledsLightingCompany.
8
Reflow Soldering Characteristics
Table 10.
Profile Feature
Lead Free Assembly
AverageRamp-UpRate(Ts
maxtoTp)
3°C/secondmax
PreheatTemperatureMin(Ts
min)
150°C
PreheatTemperatureMax(Ts
max)
200°C
PreheatTime(ts
mintotsmax)
60-180seconds
TimeMaintainedAboveTemperatureT
L
217°C
TimeMaintainedAboveTime(t
L)
60-150seconds
Peak/ClassificationTemperature(T
P)
260°C
TimeWithin5°CofActualPeakTemperature(t
P)
20-40seconds
Ramp-DownRate
6°C/secondmax
Time25°CtoPeakTemperature
8minutesmax
Note for Table 10:
1. AlltemperaturesrefertotheapplicationPrintedCircuitBoard(PCB),measuredonthesurfaceadjacenttothepackagebody.
Temperature Profile for Table 8.


Similar Part No. - LXR7-RW50

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR7-RW50 LUMILEDS-LXR7-RW50 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
LXR7-RW50 LUMILEDS-LXR7-RW50 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
More results

Similar Description - LXR7-RW50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
LXK8-PW27-0403 LUMILEDS-LXK8-PW27-0403 Datasheet
2Mb / 28P
   High efficacy plug and play array solution with precise flux, Vf and color
logo
YUXIANG Magnetc materia...
UYF9.8 YUXIANG-UYF9.8 Datasheet
60Kb / 2P
   High Saturation Magnetic Flux Density
logo
Lumileds Lighting Compa...
LXS8-PW27 LUMILEDS-LXS8-PW27 Datasheet
1Mb / 16P
   High flux density with compact light
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
logo
Seoul Semiconductor
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
   High lumen output and efficacy
SZ5-M2 SEOUL-SZ5-M2 Datasheet
1Mb / 30P
   High Lumen Output and Efficacy
SPF0AF0A SEOUL-SPF0AF0A Datasheet
666Kb / 20P
   High lumen output and efficacy
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com