Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXR7-RW40 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXR7-RW40
Description  High Flux Density and Efficacy
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXR7-RW40 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXR7-RW40 Datasheet HTML 3Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 4Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 5Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 6Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 7Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 8Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 9Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 10Page - Lumileds Lighting Company LXR7-RW40 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LUXEONMDatasheetDS10320130418©2013PhilipsLumiledsLightingCompany.
6
Optical and Electrical Characteristics
LUXEON M White at Test Current [1], Junction Temperature = 85°C
Table 5.
Nominal
CCT (K)
Part Number
Color Temperature [2]
CCT
Typical (K)
Typ Total Included Angle [2]
(degrees) u
0.90V
Typ Viewing Angle [3]
(degrees) 2u 1/2
2700
LXR8-SW27,LXR8-RW27
LXR9-SW27,LXR9-RW27
2725
2725
140
140
120
120
3000
LXR7-SW30,LXR7-RW30
LXR8-SW30,LXR8-RW30
LXR9-SW30,LXR9-RW30
3045
3045
3045
140
140
140
120
120
120
3500
LXR8-SW35,LXR8-RW35
3465
140
120
4000
LXR7-SW40,LXR7-RW40
LXR8-SW40,LXR8-RW40
3985
3985
140
140
120
120
5000
LXR7-SW50,LXR7-RW50
LXR8-SW50,LXR8-RW50
5028
5028
140
140
120
120
5700
LXR7-SW57,LXR7-RW57
5665
140
120
6500
LXR7-SW65,LXR7-RW65
6530
140
120
Notes for Table 5:
1. Testcurrentis700mAforLXRx-SWxxand1400mAforLXRx-RWxxproducts.
2. Totalincludedangleatwhich90%oftotalluminousfluxiscaptured.
3. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.
LUXEON M Royal Blue at Test Current [1], Junction Temperature = 85°C
Table 6.
Peak Wavelength, λ
p
[2]
Typical
Spectral
Half-width (nm) [3]
1/2
Typ. Temperature
Coefficient
of Peak Wavelength
(nm/°C) Dλ
D / DTJ
Typ. Total Included
Angle
(degrees) [4]
u
90V
Typical
Viewing Angle
(degrees) [5]
2u
1/2
Color
Minimum
Typical
Maximum
RoyalBlue
445.0nm
447.5nm
460.0nm
22
0.05
140
150
Notes for Table 6:
1. Testcurrentis700mAforLXR0-SR00and1400mAforLXR0-RR00.
2. RoyalBlueproductisbinnedbyradiometricpowerandpeakwavelengthratherthanphotometriclumens.
3.Spectralhalf-widthis1/2ofthepeakintensity.
4.Totalincludedangleatwhich90%oftotalradiometricpoweriscaptured.
5.Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis1/2ofthepeakvalue.


Similar Part No. - LXR7-RW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR7-RW40 LUMILEDS-LXR7-RW40 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
LXR7-RW40 LUMILEDS-LXR7-RW40 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
More results

Similar Description - LXR7-RW40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
LXK8-PW27-0403 LUMILEDS-LXK8-PW27-0403 Datasheet
2Mb / 28P
   High efficacy plug and play array solution with precise flux, Vf and color
logo
YUXIANG Magnetc materia...
UYF9.8 YUXIANG-UYF9.8 Datasheet
60Kb / 2P
   High Saturation Magnetic Flux Density
logo
Lumileds Lighting Compa...
LXS8-PW27 LUMILEDS-LXS8-PW27 Datasheet
1Mb / 16P
   High flux density with compact light
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
logo
Seoul Semiconductor
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
   High lumen output and efficacy
SZ5-M2 SEOUL-SZ5-M2 Datasheet
1Mb / 30P
   High Lumen Output and Efficacy
SPF0AF0A SEOUL-SPF0AF0A Datasheet
666Kb / 20P
   High lumen output and efficacy
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com