Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16936RATEB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16936RATEB
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936RATEB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16936RATEB Datasheet HTML 1Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 2Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 3Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 4Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 5Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 6Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 7Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 8Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2FH, CIN = 4.7FF, COUT = 22FF, CBIAS = 1FF, CBST = 0.1FF, RFOSC = 12kI,
TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Skip Mode Output Voltage
VOUT_SKIP
No load, VFB = VBIAS, skip mode (Note 3)
4.9
5
5.15
V
Load Regulation
VFB = VBIAS, 300mA < ILOAD < 2.5A
0.5
%
Line Regulation
VFB = VBIAS, 6V < VSUPSW < 36V
0.02
%/V
BST Input Current
IBST_ON
High-side MOSFET on, VBST - VLX = 5V
1
1.5
2
mA
IBST_OFF
High-side MOSFET off, VBST - VLX = 5V,
TA = +25
°C
5
F
A
LX Current Limit
ILX
Peak inductor current
3
3.75
4.5
A
LX Rise Time
RFOSC = 12k
W
4
ns
Skip Mode Current Threshold
ISKIP_TH
TA = +25
°C
150
300
400
mA
Spread Spectrum
Spread spectrum enabled
fOSC Q6%
High-Side Switch
On-Resistance
RON_H
ILX = 1A, VBIAS = 5V
100
220
mI
High-Side Switch Leakage
Current
High-side MOSFET off, VSUP = 36V,
VLX = 0V, TA = +25NC
1
3
F
A
Low-Side Switch
On-Resistance
RON_L
ILX = 0.2A, VBIAS = 5V
1.5
3
I
Low-Side Switch
Leakage Current
VLX = 36V, TA = +25NC
1
F
A
TRANSCONDUCTANCE AMPLIFIER (COMP)
FB Input Current
IFB
20
100
nA
FB Regulation Voltage
VFB
FB connected to an external resistor
divider, 6V < VSUPSW < 36V (Note 4)
0.99
1.0
1.015
V
FB Line Regulation
D
VLINE
6V < VSUPSW < 36V
0.02
%/V
Transconductance
(from FB to COMP)
gm
VFB = 1V, VBIAS = 5V
700
F
S
Minimum On-Time
tON_MIN
(Note 3)
80
ns
Maximum Duty Cycle
DCMAX
98
%
OSCILLATOR FREQUENCY
Oscillator Frequency
RFOSC = 73.2kI
340
400
460
kHz
RFOSC = 12kI
2.0
2.2
2.4
MHz
EXTERNAL CLOCK INPUT (FSYNC)
External Input Clock
Acquisition time
tFSYNC
1
Cycles
External Input Clock
Frequency
RFOSC = 12kI (Note 5)
1.8
2.6
Hz
External Input Clock High
Threshold
VFSYNC_HI
VFSYNC rising
1.4
V


Similar Part No. - MAX16936RATEB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936RATEB/V++ MAXIM-MAX16936RATEB/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936RATEB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com