Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKP222MCQED0KR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VKP222MCQED0KR
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VKP222MCQED0KR Datasheet(HTML) 3 Page - Vishay Siliconix

  VKP222MCQED0KR Datasheet HTML 1Page - Vishay Siliconix VKP222MCQED0KR Datasheet HTML 2Page - Vishay Siliconix VKP222MCQED0KR Datasheet HTML 3Page - Vishay Siliconix VKP222MCQED0KR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VKP Series
www.vishay.com
Vishay Draloric
Revision: 02-Apr-13
3
Document Number: 22205
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (typical)
IMPEDANCE VS. FREQUENCY (typical)
APPROVALS
IEC 60384-14.3 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Test Certificate
Y1 Capacitor: CB-test certificate:
X1 Capacitor: CB-test certificate:
Minimum thickness of insulation: 0.4 mm
US-19596-UL
US-19596-UL
470 pF to 4.7 nF
470 pF to 4.7 nF
500 VAC
760 VAC
VDE
Y1 Capacitor: VDE marks approval:
X1 Capacitor: VDE marks approval:
136494
136494
470 pF to 4.7 nF
470 pF to 4.7 nF
500 VAC
760 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Minimum thickness of insulation: 0.4 mm
Underwriters Laboratories Inc./Canadian Standards Association
Y1 Capacitor: UL-test certificate:
X1 Capacitor: UL-test certificate:
E183844
E183844
470 pF to 4.7 nF
470 pF to 4.7 nF
500 VAC
760 VAC
UL 60384-14.1, CSA E60384-1:03 2nd edition, CSA E60384-14:09 2nd edition
Across-the-line, antenna-coupling and line-by-pass component
Minimum thickness of insulation: 0.4 mm
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
3500
4000
U
R (V~)
4.7 nF
3.9 nF
3.3 nF
2.7 nF
2.2 nF
1.5 nF
1.0 nF
680 pF
470 pF
0.01
0.1
1
10
1
10
100
f (MHz)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22001
CB-Test Certificate
www.vishay.com/doc?22211
VDE Marks Approval
www.vishay.com/doc?22212
UL-Test Certificate
www.vishay.com/doc?22213


Similar Part No. - VKP222MCQED0KR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VKP VISHAY-VKP Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
logo
Tyco Electronics
VKP-11F42 MACOM-VKP-11F42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
VKP-11F72 MACOM-VKP-11F72 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
VKP-11H42 MACOM-VKP-11H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
VKP-15F42 MACOM-VKP-15F42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results

Similar Description - VKP222MCQED0KR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
WKP332MCPEJ0KR VISHAY-WKP332MCPEJ0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
VKP VISHAY-VKP Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com