Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC6327 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC6327
Description  Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6327 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC6327 Datasheet HTML 1Page - Fairchild Semiconductor FDC6327 Datasheet HTML 2Page - Fairchild Semiconductor FDC6327 Datasheet HTML 3Page - Fairchild Semiconductor FDC6327 Datasheet HTML 4Page - Fairchild Semiconductor FDC6327 Datasheet HTML 5Page - Fairchild Semiconductor FDC6327 Datasheet HTML 6Page - Fairchild Semiconductor FDC6327 Datasheet HTML 7Page - Fairchild Semiconductor FDC6327 Datasheet HTML 8Page - Fairchild Semiconductor FDC6327 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FDC6327C, Rev. E
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
TypeMin
Typ Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V, ID = 250
µA
VGS = 0 V, ID = - 250
µA
N-Ch
P-Ch
20
-20
V
∆BVDSS
∆TJ
Breakdown Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = - 250
µA, Referenced to 25°C
N-Ch
P-Ch
12
-19
mV/
°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 16 V, VGS = 0 V
VDS = -16 V, VGS = 0 V
N-Ch
P-Ch
1
-1
µA
IGSSF
Gate-Body Leakage, Forward VGS = 8 V, VDS = 0 V
All
100
nA
IGSSR
Gate-Body Leakage, Reverse VGS = -8 V, VDS = 0 V
All
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
VDS = VGS, ID = -250
µA
N-Ch
P-Ch
0.4
-0.4
0.9
-0.9
1.5
-1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = - 250
µA, Referenced to 25°C
N-Ch
P-Ch
-2.1
2.3
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 4.5 V, ID = 2.7 A
VGS = 4.5 V, ID = 2.7 A, TJ = 125
°C
VGS = 2.5 V, ID = 2.2 A
VGS = -4.5 V, ID = -1.6 A
VGS = -4.5 V, ID = -1.6 A, TJ = 125
°C
VGS = -2.5 V, ID = -1.3 A
N-Ch
N-Ch
N-Ch
P-Ch
P-Ch
P-Ch
0.069
0.094
0.093
0.141
0.203
0.205
0.08
0.13
0.12
0.17
0.27
0.25
ID(on)
On-State Drain Current
VGS = 4.5 V, VDS = 5 V
VGS = -4.5 V, VDS = -5 V
N-Ch
P-Ch
8
-8
A
gFS
Forward Transconductance
VDS = 5 V, ID = 2.7 A
VDS = -5 V, ID = -1.9 A
N-Ch
P-Ch
7.7
4.5
S
Dynamic Characteristics
Ciss
Input Capacitance
N-Ch
P-Ch
325
315
pF
Coss
Output Capacitance
N-Ch
P-Ch
75
65
pF
Crss
Reverse Transfer Capacitance
N-Channel
VDS = 10 V, VGS = 0 V, f = 1.0 MHz
P-Channel
VDS = 10 V, VGS = 0 V, f = 1.0 MHz
N-Ch
P-Ch
35
24
pF


Similar Part No. - FDC6327

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6327C VBSEMI-FDC6327C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Similar Description - FDC6327

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com