Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C402D Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # C402D
Description  RF Ceramic Component Proto-Typing Kits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

C402D Datasheet(HTML) 1 Page - Johanson Technology Inc.

  C402D Datasheet HTML 1Page - Johanson Technology Inc. C402D Datasheet HTML 2Page - Johanson Technology Inc. C402D Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
www.johansontechnology.com
0201 L-Series Capacitors (Values {pF} & tolerances)
P/N: S201TL
50 PCS. EACH (pF): 0.2 A, 0.3 A, 0.4 A, 0.5 B, 0.6 B, 0.7 B, 0.8 B, 0.9 B, 1.0 B, 1.1 B, 1.2 B, 1.3 B, 1.5 B, 1.8 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B,
4.7 B, 5.1 C, 5.6 C, 6.2 C, 6.8 C
0603 S-Series Capacitors (Values {pF} & tolerances)
P/N: S603TS
50 PCS. EACH (pF): 0.2 B, 0.3 B, 0.4 B, 0.5 B, 0.6 B, 0.7 B, 0.8 B, 0.9 B, 1.0 B, 1.1 B, 1.2 B, 1.3 B, 1.5 B, 1.8 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B,
4.7 B, 5.1 C, 5.6 C, 6.2 C, 6.8 C
1111 E-Series Capacitors (Values {pF} & tolerances)
P/N: S111TVE
10 PCS. EACH (pF): 0.5 B, 0.6 B, 0.7 B, 0.8 B, 0.9 B, 1.0 B, 1.1 B, 1.2 B, 1.3 B, 1.5 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B, 4.7 B, 5.1 C, 5.6 C, 6.2 C,
6.8 C, 7.5 C, 8.2 C, 9.1 C, 10 J
4
www.johansontechnology.com
RF Ceramic Component Proto-Typing Kits
Capacitor and Inductor Design Kits
0201 L-Series Capacitors & Ceramic Inductors (Values {pF or nH} & tolerances)
P/N : L/C-201DL
50 PCS. EA. MLCC (pF): 0.3 B, 0.5 B, 0.7 B, 0.9 B, 1.0 B, 1.2 B, 1.5 B, 1.8 B, 2.2 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B, 4.7 B, 5.1 C, 5.6 C, 6.8 C, 8.2 C, 9.1 C, 10 J, 12
J, 15 J, 18 J, 22 J, 27 J, 33 J
50 PCS. EA. MLCI (nH): 0.6 C, 0.8 C, 1.0 S, 1.2 S, 1.5 S, 1.8 S, 2.2 S, 2.4 S, 2.7 S, 3.0 S, 3.3 S, 3.7 S, 3.9 S, 4.7 S, 5.1 S, 5.6 S, 6.8 J, 8.2 J, 10 J, 12 J, 13 J, 15 J, 18 J, 20 J,
22 J, 27 J, 33 J, 39 J
0402 S-Series Capacitors & Ceramic Inductors (Values {pF or nH} & tolerances)
P/N : L/C-402DS
50 PCS. EA. MLCC (pF): 0.2 B, 0.3 B, 0.5 B, 0.7 B, 0.9 B, 1.0 B, 1.2 B, 1.5 B, 1.8 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.6 B, 4.3 B, 4.7 B, 5.6 C, 6.8 C, 7.5 C, 8.2 C, 9.1 C, 10
J, 12 J, 15 J, 22 J, 27 J, 30 J
50 PCS. EA. MLCI (nH): 1.0 S, 1.2 S, 1.5 S, 1.8 S, 2.2 S, 2.4 S, 2.7 S, 3.0 S, 3.3 S, 3.9 S, 4.3 S, 4.7 S, 5.1 S, 5.6 S, 6.8 J, 7.5 J, 8.2 J, 10 J, 12 J, 15 J, 18 J, 22 J, 27 J, 33 J,
39 J, 47 J, 68 J, 100 J
0603 S-Series Capacitors & Ceramic Inductors (Values {pF or nH} & tolerances)
P/N : L/C-603DS
50 PCS. EA. MLCC (pF): 0.3 B, 0.5 B, 0.8 B, 1.0 B, 1.2 B, 1.5 B, 1.8 B, 2.2 B, 2.7 B, 3.3 B, 3.6 B, 3.9 B, 4.7 B, 5.6 C, 6.8 C, 8.2 C, 10 J, 12 J, 15 J, 18 J, 20 J, 24 J, 27 J, 33
J, 39 J, 47 J, 68 J, 82 J
50 PCS. EA. MLCI (nH): 1.0 S, 1.5 S, 1.8 S, 2.2 S, 2.7 S, 3.3 S, 3.9 S, 4.7 S, 5.6 S, 6.8 J, 8.2 J, 10 J, 12 J, 15 J, 18 J, 22 J, 27 J, 33 J, 39 J, 47 J, 56 J, 68 J, 82 J, 100 J, 120
J, 150 J, 180 J, 220 J
0805 S-Series Capacitors & WireWound High Q Chip Inductors (Values {pF or nH} & tolerances)
P/N : L/C-805DS
50 PCS. EA. MLCC (pF): 4.7 B, 5.6 C, 6.8 C, 7.5 C, 8.2 C, 9.1 C, 10 J, 12 J, 15 J, 18 J, 20 J, 22 J, 24 J, 27 J, 30 J, 33 J, 36 J, 39 J, 43 J, 47 J, 56 J, 68 J, 82 J, 100 J, 120 J,
150 J, 180 J, 220 J
20 PCS. EA. (nH): 2.7 C, 3.9 C, 5.6 C, 6.8 J, 8.2 J, 12 J, 16 J, 20 J, 27 J, 33 J, 39 J, 47 J, 56 J, 68 J, 82 J, 100 J, 120 J, 150 J, 180 J, 220 J, 270 J, 330 J, 390 J, 560 J, 1000
J, 2200 J, 6800 J, 10000 J
Single Layer Capacitor Kits
Johanson Technology’s engineering prototype kits provide RF designers with a broad selection
of high frequency ceramic components. Each kit contains a selection of components as well as
the latest product data on Johanson’s full line of “High Frequency Ceramic Solutions”. List price
is $100.00 each, but price may be waived for qualified high volume applications.
The selections
listed below represents typical kit contents. Johanson reserves the right to make limited value/tolerance
substitutions when necessary. Please advise any critical values at time of order.
EIA 1111 S42E-Series Capacitors (Values {pF} & tolerances) Non-Magnetic
P/N: S111DUE
10 PCS. EACH (pF): 1.0 B 3.9 B, 4.7 B, 6.8 C, 7.5 C, 8.2 C, 9.1 C, 10 J, 12 J, 15 J, 18 J, 20 J, 27 J, 33 J, 47 J, 56 J, 68 J, 82 J, 100 J, 120 J, 150 J, 180 J, 220 J, 270 J, 390
J, 470 J, 560 K, 1000 K
Broadband Single Layer Capacitors
P/N: GBBL
10 PCS. EACH: V01A151MT, V02A471MT, V02A102MT, V03A102MT, V04A182MT
Non-Magnetic Capacitor Tuning Kit
EIA 1111 S42E-Series Capacitors (Values {pF} & tolerances) Non-Magnetic
P/N: S111TUE
10 PCS. EACH (pF): 0.5 B, 0.6 B, 0.7 B, 0.8 B, 0.9 B, 1.0 B, 1.1 B, 1.2 B, 1.3 B, 1.5 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B 4.3 B, 4.7 B, 5.1 C, 5.6 C, 6.2 C,
0805 S-Series Capacitors (Values {pF} & tolerances)
P/N: S805TS
50 PCS. EACH (pF): 0.3 B, 0.5 B, 0.7 B, 0.9 B, 1.0 B, 1.1 B, 1.2 B, 1.3 B, 1.5 B, 1.8 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B, 4.7 B, 5.1 C, 5.6 C, 6.2 C,
6.8 C, 7.5 C, 8.2 C, 9.1 C, 10 J
0402 S-Series Capacitors (Values {pF} & tolerances)
P/N: S402TS
50 PCS. EACH (pF): 0.2 A, 0.3 A, 0.4 A, 0.5 B, 0.6 B, 0.7 B, 0.8 B, 0.9 B, 1.0 B, 1.1 B, 1.2 B, 1.3 B, 1.5 B, 1.8 B, 2.0 B, 2.2 B, 2.4 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B,
4.7 B, 5.1 C, 5.6 C, 6.2 C, 6.8 C
0201 S-Series Ultra High-Q Capacitors (Values {pF} & tolerances)
P/N: S201TS
Contains 50 PCS. EACH of the following 0201 capacitor sizes
(pF): 0.3 B, 0.5 B, 0.7 B, 0.9 B, 1.0 B, 1.2 B, 1.5 B, 1.8 B, 2.2 B, 2.7 B, 3.0 B, 3.3 B, 3.6 B, 3.9 B, 4.3 B, 4.7 B, 5.1 C, 5.6 C, 6.8 C, 8.2 C, 9.1 C, 10 J, 12 J, 15 J
Non-Magnetic Capacitor Designer Kit
Tuning Capacitor Kits


Similar Part No. - C402D

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C4020 PULSE-C4020 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
C4020NL PULSE-C4020NL Datasheet
81Kb / 2P
   RF DIFFERENTIAL SPLITTER
logo
MicroPower Direct, LLC
C4021ERW MPD-C4021ERW Datasheet
250Kb / 2P
   Compact, 2:1 Input 40W, Single Output DC/DC Converters
C4021ERW MPD-C4021ERW Datasheet
244Kb / 2P
   C4000ERW SERIES
C4022ERW MPD-C4022ERW Datasheet
250Kb / 2P
   Compact, 2:1 Input 40W, Single Output DC/DC Converters
More results

Similar Description - C402D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TXC100-433 MURATA-DR-TXC100-433 Datasheet
219Kb / 7P
   DR-TXC100 RF Development Kits
DR-TXC100-315 MURATA-DR-TXC100-315 Datasheet
219Kb / 7P
   DR-TXC100 RF Development Kits
logo
Adam Technologies, Inc.
RF5-500-1 ADAM-TECH-RF5-500-1 Datasheet
61Kb / 1P
   PROTO N TYPE PCB
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
Shenzhen Xinmao Microel...
LP3710 LANDP-LP3710 Datasheet
989Kb / 13P
   Proto-Feedback Multiple Modular PWM Control chip
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com