Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC6321C Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDC6321C
Description  Dual N & P Channel , Digital FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6321C Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDC6321C Datasheet HTML 3Page - Fairchild Semiconductor FDC6321C Datasheet HTML 4Page - Fairchild Semiconductor FDC6321C Datasheet HTML 5Page - Fairchild Semiconductor FDC6321C Datasheet HTML 6Page - Fairchild Semiconductor FDC6321C Datasheet HTML 7Page - Fairchild Semiconductor FDC6321C Datasheet HTML 8Page - Fairchild Semiconductor FDC6321C Datasheet HTML 9Page - Fairchild Semiconductor FDC6321C Datasheet HTML 10Page - Fairchild Semiconductor FDC6321C Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FDC6321C.RevB
Typical Electrical Characteristics: P-Channel (continued)
Figure 19. Maximum Safe Operating Area.
0
0.3
0.6
0.9
1.2
1.5
1.8
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = -0.5A
D
-15V
V
= -5V
DS
-10V
Figure 17. Gate Charge Characteristics.
Figure 20. Single Pulse Maximum Power
Dissipation.
0.1
0.3
0.5
1
5
10
15
25
5
10
20
50
100
150
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
Figure 18. Capacitance Characteristics.
Figure 21. Transient Thermal Response Curve.
Note: Thermal characterization performed using the conditions described in note 1b.Transient thermal
response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 1b
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0.01
0.1
1
10
100
300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=See note 1b
T = 25°C
θJA
A
0.1
0.2
0.5
1
2
5
10
20
40
0.01
0.03
0.1
0.3
1
2
- V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DS
1s
100ms
10ms
1ms
V
= -4.5V
SINGLE PULSE
R
= See Note 1b
T
= 25°C
θJA
GS
A


Similar Part No. - FDC6321C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6321C VBSEMI-FDC6321C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6321C-TP TECHPUBLIC-FDC6321C-TP Datasheet
1Mb / 3P
   N-Channel P-Channel Enhancement Mode MOSFET
More results

Similar Description - FDC6321C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com