Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3202-02DE Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM3202-02DE
Description  DDR VDDQ and VTT Termination Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM3202-02DE Datasheet(HTML) 1 Page - ON Semiconductor

  CM3202-02DE Datasheet HTML 1Page - ON Semiconductor CM3202-02DE Datasheet HTML 2Page - ON Semiconductor CM3202-02DE Datasheet HTML 3Page - ON Semiconductor CM3202-02DE Datasheet HTML 4Page - ON Semiconductor CM3202-02DE Datasheet HTML 5Page - ON Semiconductor CM3202-02DE Datasheet HTML 6Page - ON Semiconductor CM3202-02DE Datasheet HTML 7Page - ON Semiconductor CM3202-02DE Datasheet HTML 8Page - ON Semiconductor CM3202-02DE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2011
March, 2011 − Rev. 3
1
Publication Order Number:
CM3202−02/D
CM3202-02
DDR VDDQ and VTT
Termination Voltage
Regulator
Product Description
The CM3202−02 is a dual−output low noise linear regulator
designed to meet SSTL−2 and SSTL−3 specifications for
DDR−SDRAM VDDQ supply and termination voltage VTT supply.
With integrated power MOSFETs the CM3202−02 can source up to
2 A of VDDQ continuous current, and source or sink up to 2 A VTT
continuous current. The typical dropout voltage for VDDQ is 500 mV
at 2 A load current.
The CM3202−02 provides excellent full load regulation and fast
response to transient load changes. It also has built−in over−current
limits and thermal shutdown at 170
°C.
The CM3202−02 supports Suspend−To−RAM (STR) and ACPI
compliance with Shutdown Mode which tri−states VTT to minimize
quiescent system current.
The CM3202−02 is available in a space saving WDFN8 surface
mount packages. Low thermal resistance allows them to withstand
high power dissipation at 85
°C ambient. The CM3202−02 can operate
over the industrial ambient temperature range of –40
°C to 85°C.
Features
Two Linear Regulators
Maximum 2 A Current from VDDQ
Source and Sink Up to 2 A VTT Current
1.7 V to 2.8 V Adjustable VDDQ Output Voltage
0.85 V to 1.4 V VTT Output Voltage (Tracking at 50% of VDDQ)
500 mV Typical VDDQ Dropout Voltage at 2 A
Excellent Load and Line Regulation, Low Noise
Meets JEDEC DDR−I and DDR−II Memory Power Spec
Linear Regulator Design Requires no Inductors and Has Low
External Component Count
Integrated Power MOSFETs
Dual Purpose ADJ/Shutdown Pin
Built−In Over−Current Limit and Thermal Shutdown for VDDQ
and VTT
Fast Transient Response
Low Quiescent Current
These Devices are Pb−Free and are RoHS Compliant
Applications
DDR Memory and Active Termination Buses
Desktop Computers, Servers
Residential and Enterprise Gateways
DSL Modems
Routers and Switches
DVD Recorders
3D AGP Cards
LCD TV and STB
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
CM3202−02DE
WDFN8
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
CM320 202DE = CM3202−02DE
CM320
202DE
WDFN8
DE SUFFIX
CASE 511BH
1


Similar Part No. - CM3202-02DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3202-02 ONSEMI-CM3202-02 Datasheet
199Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
More results

Similar Description - CM3202-02DE

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Richtek Technology Corp...
RT9005A RICHTEK-RT9005A Datasheet
208Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3212 ONSEMI-CM3212 Datasheet
200Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-02 ONSEMI-CM3202-02 Datasheet
199Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
logo
Linear Technology
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
   Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com