Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL000AA147DB0W Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EL000AA147DB0W
Description  Aluminum Capacitors Axial Capacitors Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EL000AA147DB0W Datasheet(HTML) 6 Page - Vishay Siliconix

  EL000AA147DB0W Datasheet HTML 1Page - Vishay Siliconix EL000AA147DB0W Datasheet HTML 2Page - Vishay Siliconix EL000AA147DB0W Datasheet HTML 3Page - Vishay Siliconix EL000AA147DB0W Datasheet HTML 4Page - Vishay Siliconix EL000AA147DB0W Datasheet HTML 5Page - Vishay Siliconix EL000AA147DB0W Datasheet HTML 6Page - Vishay Siliconix EL000AA147DB0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Obsolete
EL/EB
www.vishay.com
Vishay Roederstein
Revision: 13-Apr-12
6
Document Number: 25113
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN 1300300, subclause 4.13
TA = Upper cat. temp.; UR applied
6.3 V
 U
R  100 V: 1000 h
TA = 85 °C; UR applied
160 V
 U
R  500 V: 2000 h
UR = 6.3 V: - 40 %  C/C  25 %
UR = 6.3 V: - 30 %  C/C  30 %
tan 
 1.5 x spec. limit
Z
 3 x spec. limit
IL (300 s)  spec. limit
Useful life
CECC 30301, subclause 1.8.1
TA = 105 °C; UR and IR applied
6.3 V
 U
R  100 V
Case 4.5 x 11: 750 h
Cases 6 x 10 to 10 x 25: 1000 h
Cases 6 x 10 to 10 x 25: 1000 h
UR = 6.3 V: - 50 %  C/C  45 %
UR = 6.3 V: - 45 %  C/C  45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL (300 s)  spec. limit
No short or open circuit
Total failure percentage:
 1 %
TA = 85 °C; UR and IR applied
160 V
 U
R  400 V: 5000 h
Shelf life
(storage at high
temperature)
IEC 60348-4/
EN 1300300, subclause 4.17
TA = upper cat. temp.; no voltage applied
6.3 V
 U
R  100 V
Cases 3.3 x 8 to 10 x 25: 500 h
After test: UR to be applied for 30 min
24 h to 48 h before measurement
UR = 6.3 V: - 40 %  C/C  25 %
UR = 6.3 V: - 30 %  C/C  30 %
tan
  1.5 x spec. limit
 3 x spec. limit
IL (300 s)  2 x spec. limit


Similar Part No. - EL000AA147DB0W

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
EL0036 MICRONETICS-EL0036 Datasheet
150Kb / 2P
   High Power Limiters 1.25 GHz to 1.35 GHz
EL0037 MICRONETICS-EL0037 Datasheet
145Kb / 2P
   High Power Limiters 2.7 GHz to 2.9 GHz
EL0051 MICRONETICS-EL0051 Datasheet
187Kb / 2P
   High Power Limiters 0.5 GHz to 2 GHz
EL0056 MICRONETICS-EL0056 Datasheet
97Kb / 2P
   High Power Limiters 5 GHz to 9 GHz
EL0092 MICRONETICS-EL0092 Datasheet
109Kb / 2P
   High Power Limiters 0.15 GHz to 0.45 GHz
More results

Similar Description - EL000AA147DB0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
EBC VISHAY-EBC Datasheet
93Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 23-Jun-08
EBC VISHAY-EBC_13 Datasheet
91Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 22-Jan-13
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC_12 Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
EKA VISHAY-EKA_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com