Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL000AA210BB0W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EL000AA210BB0W
Description  Aluminum Capacitors Axial Capacitors Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EL000AA210BB0W Datasheet(HTML) 2 Page - Vishay Siliconix

  EL000AA210BB0W Datasheet HTML 1Page - Vishay Siliconix EL000AA210BB0W Datasheet HTML 2Page - Vishay Siliconix EL000AA210BB0W Datasheet HTML 3Page - Vishay Siliconix EL000AA210BB0W Datasheet HTML 4Page - Vishay Siliconix EL000AA210BB0W Datasheet HTML 5Page - Vishay Siliconix EL000AA210BB0W Datasheet HTML 6Page - Vishay Siliconix EL000AA210BB0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Obsolete
EL/EB
www.vishay.com
Vishay Roederstein
Revision: 13-Apr-12
2
Document Number: 25113
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Axial style capacitors are insulated.
Note
• Unless otherwise specified, all electrical values apply at
TA = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
The following table gives the ordering number.
The 16th place of ordering code refers to packaging for axial
lead capacitors:
MALAEB000GD410C...
EB 1000 μF 10 V 10 x 25
MALAEB000GD410CA0W
A = taped on reel
MALAEB000GD410CB0W
B = taped ammo
DIMENSIONS in millimeters AND AVAILABLE FORMS
AXIAL STYLE: DIMENSIONS in millimeters, MASS, PACKAGING QUANTITIES AND ORDERING CODE
NOMINAL
CASE SIZE
Ø D x L
Ø d
Ø Dmax.
Lmax.
Amin.
B
MASS
APPROX.
g
PACKAGING, ENDING OF ORDERING CODE,
QUANTITIES
TAPED ON REEL
TAPED AMMO
CODE
PCS.
CODE
PCS.
3.3 x 8
0.6
3.5
9.0
12.5
63.5 ± 1.5
0.3
..A0W
4000
..B0W
1000
3.3 x 11
0.6
3.5
12.0
15
63.5 ± 1.5
0.35
..A0W
3000
..B0W
1000
4.5 x 11
0.6
5.0
11.5
15
63.5 ± 1.5
0.5
..A0W
3000
..B0W
1000
6 x 10
0.6
6.3
10.5
15
63.5 ± 1.5
0.7
..A0W
1000
..B0W
1000
6.5 x 18
0.8
6.9
18.5
25
73.0 ± 1.6
1.3
..A0W
1000
..B0W
1000
8 x 18
0.8
8.5
18.5
25
73.0 ± 1.6
1.7
..A0W
500
..B0W
500
10 x 18
0.8
10.5
18.5
25
73.0 ± 1.6
2.5
..A0W
500
..B0W
500
10 x 25
0.8
10.5
25.0
30
73.0 ± 1.6
3.3
..A0W
500
..B0W
500
B
L
Ø D
Ø d
+
L
A
Ø d
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz
UR
Rated voltage
tan
Max. dissipation factor at 100 Hz
RESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz
IR
Rated alternating current (RMS) at 100 Hz and
upper category temperature
TA
Ambient temperature
TUC
Upper category temperature
RH
Relative humidity
PAmbient pressure


Similar Part No. - EL000AA210BB0W

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
EL0036 MICRONETICS-EL0036 Datasheet
150Kb / 2P
   High Power Limiters 1.25 GHz to 1.35 GHz
EL0037 MICRONETICS-EL0037 Datasheet
145Kb / 2P
   High Power Limiters 2.7 GHz to 2.9 GHz
EL0051 MICRONETICS-EL0051 Datasheet
187Kb / 2P
   High Power Limiters 0.5 GHz to 2 GHz
EL0056 MICRONETICS-EL0056 Datasheet
97Kb / 2P
   High Power Limiters 5 GHz to 9 GHz
EL0092 MICRONETICS-EL0092 Datasheet
109Kb / 2P
   High Power Limiters 0.15 GHz to 0.45 GHz
More results

Similar Description - EL000AA210BB0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
EBC VISHAY-EBC Datasheet
93Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 23-Jun-08
EBC VISHAY-EBC_13 Datasheet
91Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 22-Jan-13
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC_12 Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
EKA VISHAY-EKA_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com