Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8000-063 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS8000-063
Description  Increase package design flexibility while maintaining electrical integrity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS8000-063 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS8000-063 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS8000-063 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS8000-063 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8000-063 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Variants
Recommended
Compression Stop
mm (in)
Pressure
to Achieve
Compression
(psi)
Shielding
Effectiveness1
GS8000-03X
High 0.30 (0.012)
50
> 50 dB
Low 0.15 (0.006)
325
> 65 dB
GS8000-063
High 0.60 (0.024)
15
> 90 dB
Low 0.30 (0.012)
95
> 100 dB
GS8000-095
High 0.85 (0.033)
20
> 85 dB
Low 0.50 (0.020)
100
> 95 dB
GS8000-126
High 1.40 (0.055)
5
> 75 dB
Low 0.60 (0.024)
75
> 95 dB
mm 0.45
0.40
0.35
0.30
0.25
0.20
0.15 mm
in
0.018
0.016
0.014
0.012
0.10
0.008
0.006 in
0.25
0.20
0.15
0.10
0.05
0.00
350
300
250
200
150
100
50
0
Compressed Gap
Pressure
DC Resistance
Figure 3: GS8000-03X Force Displacement Resistance
(testing with 5 x 5 mm grounding pads)
Figure 4: GS8000-063 Force Displacement Resistance
(testing with 5 x 5 mm grounding pads)
mm 0.9
0.8
0.7
0.6
0.5
0.4
0.3 mm
in
0.035
0.031
0.028
0.024
0.020
0.016
0.012 in
0.25
0.20
0.15
0.10
0.05
0.00
350
300
250
200
150
100
50
0
Compressed Gap
Pressure
DC Resistance
For use as an EMI Gasketing Material, we recommend compressing
the GS8000 material to at least the published recommended
compression stop to ensure an effective EMI seal (see Table 4).
1
All measurements made using ARP-1705 modified test method through 3 GHz on
2 mm trace width
Table 4: Shielding Effectiveness1
Page 3


Similar Part No. - GS8000-063

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS8000 GENNUM-GS8000 Datasheet
302Kb / 16P
   DVI / HDMI Extender
GS8000ACNE3 GENNUM-GS8000ACNE3 Datasheet
302Kb / 16P
   DVI / HDMI Extender
More results

Similar Description - GS8000-063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
logo
List of Unclassifed Man...
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com