Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EKC
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKC Datasheet(HTML) 4 Page - Vishay Siliconix

  EKC_12 Datasheet HTML 1Page - Vishay Siliconix EKC_12 Datasheet HTML 2Page - Vishay Siliconix EKC_12 Datasheet HTML 3Page - Vishay Siliconix EKC_12 Datasheet HTML 4Page - Vishay Siliconix EKC_12 Datasheet HTML 5Page - Vishay Siliconix EKC_12 Datasheet HTML 6Page - Vishay Siliconix EKC_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Not for New Design
EKC
www.vishay.com
Vishay Roederstein
Revision: 10-Jul-12
4
Document Number: 25009
For technical questions, contact: aluminiumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25
39
5 x 11.5
0.14
0.75
163
0.50
MALREKC00AB239E00F
82
6.3 x 11.5
0.14
0.35
273
0.80
MALREKC00BB282E00F
120
6.3 x 15
0.14
0.25
390
1.20
MALREKC00BF312E00F
150
8 x 12
0.14
0.17
445
1.00
MALREKC00PT315E00F
180
10 x 12.5
0.14
0.12
625
1.90
MALREKC00DC318E00F
220
8 x 15
0.14
0.13
555
1.50
MALREKC00PF322E00F
330
8 x 20
0.14
0.095
740
2.00
MALREKC00PE333E00F
470
10 x 20
0.14
0.062
1040
3.00
MALREKC00DE347E00F
560
10 x 25
0.14
0.052
1260
4.00
MALREKC00DG356E00F
820
10 x 30
0.14
0.044
1440
4.80
MALREKC00DJ382E00F
1000
12.5 x 25
0.14
0.034
1690
4.70
MALREKC00FG410E00F
1500
12.5 x 30
0.16
0.030
1950
5.40
MALREKC00FJ415E00F
1800
12.5 x 35
0.16
0.024
2220
5.90
MALREKC00FU418E00F
2200
12.5 x 40
0.18
0.022
2390
6.40
MALREKC00FK422E00F
2700
16 x 30
0.18
0.025
2350
8.80
MALREKC00JJ427E00F
3300
16 x 35
0.20
0.022
2550
10.0
MALREKC00JU433E00F
3900
16 x 40
0.20
0.018
2900
11.0
MALREKC00JK439E00F
35
27
5 x 11.5
0.12
0.75
163
0.50
MALREKC00AB227F00F
56
6.3 x 11.5
0.12
0.35
273
0.80
MALREKC00BB256F00F
82
6.3 x 15
0.12
0.25
390
1.20
MALREKC00BF282F00F
100
8 x 12
0.12
0.17
445
1.00
MALREKC00PT310F00F
120
8 x 12
0.12
0.17
445
1.00
MALREKC00PT312F00F
180
8 x 15
0.12
0.13
555
1.50
MALREKC00PF318F00F
220
10 x 16
0.12
0.084
825
2.40
MALREKC00DD322F00F
330
10 x 20
0.12
0.062
1040
3.00
MALREKC00DE333F00F
390
10 x 25
0.12
0.052
1260
4.00
MALREKC00DG339F00F
470
12.5 x 20
0.12
0.046
1340
4.00
MALREKC00FE347F00F
560
12.5 x 20
0.12
0.046
1340
4.00
MALREKC00FE356F00F
680
12.5 x 25
0.12
0.034
1690
4.70
MALREKC00FG368F00F
1000
16 x 20
0.12
0.038
1630
5.80
MALREKC00JE410F00F
1200
12.5 x 35
0.14
0.024
2220
5.90
MALREKC00FU412F00F
1500
12.5 x 40
0.14
0.022
2390
6.40
MALREKC00FK415F00F
1800
16 x 30
0.14
0.025
2350
8.80
MALREKC00JJ418F00F
2200
16 x 35
0.16
0.022
2550
10.0
MALREKC00JU422F00F
2700
16 x 40
0.16
0.018
2900
11.0
MALREKC00JK427F00F
50
18
5 x 11.5
0.10
1.20
129
0.50
MALREKC00AB218H00F
39
6.3 x 11.5
0.10
0.54
219
0.80
MALREKC00BB239H00F
56
6.3 x 15
0.10
0.34
310
1.20
MALREKC00BF256H00F
68
8 x 12
0.10
0.30
340
1.00
MALREKC00PT268H00F
82
8 x 15
0.10
0.20
470
1.50
MALREKC00PF282H00F
100
10 x 16
0.10
0.13
755
2.40
MALREKC00DD310H00F
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
120 Hz
Z
100 kHz/20 °C
(
)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(LONG LEADS)


Similar Part No. - EKC_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EKC-LM3S6965 TI-EKC-LM3S6965 Datasheet
82Kb / 2P
[Old version datasheet]   Stellaris LM3S6965 Ethernet Evaluation Kit
More results

Similar Description - EKC_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com