Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 80D
Description  Aluminum Capacitors 85 °C, Snap-In
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D Datasheet(HTML) 3 Page - Vishay Siliconix

  80D_12 Datasheet HTML 1Page - Vishay Siliconix 80D_12 Datasheet HTML 2Page - Vishay Siliconix 80D_12 Datasheet HTML 3Page - Vishay Siliconix 80D_12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
80D
www.vishay.com
Vishay Sprague
Revision: 29-Aug-11
3
Document Number: 42060
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 WVDC at + 85 °C, SURGE = 44 V
6800.0
80D682P035KC2DE3
1.18 x 1.38 (30.0 x 35.0)
60.0
51.0
3.8
4.2
10 000.0
80D103P035MC2DE3
1.38 x 1.38 (35.0 x 35.0)
33.0
27.0
6.2
7.2
12 000.0
80D123P035KE2DE3
1.18 x 1.97 (30.0 x 50.0)
33.0
27.0
6.2
7.2
15 000.0
80D153P035ME2DE3
1.38 x 1.97 (35.0 x 50.0)
20.0
17.0
8.8
10.0
50 WVDC at + 85 °C, SURGE = 63 V
3300.0
80D332P050JD2DE3
0.984 x 1.57 (25.0 x 40.0)
57.0
42.0
3.9
4.9
3300.0
80D332P050KB2DE3
1.18 x 1.18 (30.0 x 30.0)
79.0
63.0
3.1
3.6
4700.0
80D472P050KD2DE3
1.18 x 1.57 (30.0 x 40.0)
51.0
41.0
4.3
4.9
6800.0
80D682P050KE2DE3
1.18 x 1.97 (30.0 x 50.0)
40.0
32.0
5.3
6.1
63 WVDC at + 85 °C, SURGE = 79 V
1500.0
80D152P063JB2DE3
0.984 x 1.18 (25.0 x 30.0)
82.0
55.0
2.8
3.8
2200.0
80D222P063KB2DE3
1.18 x 1.18 (30.0 x 30.0)
72.0
54.0
3.2
3.9
3300.0
80D332P063MB2DE3
1.38 x 1.18 (35.0 x 30.0)
40.0
28.0
5.0
6.6
4700.0
80D472P063KE2DE3
1.18 x 1.97 (30.0 x 50.0)
36.0
28.0
5.4
6.4
6800.0
80D682P063ME2DE3
1.38 x 1.97 (35.0 x 50.0)
21.0
15.0
8.3
10.0
100 WVDC at + 85 °C, SURGE = 125 V
680.0
80D681P100JB2DE3
0.984 x 1.18 (25.0 x 30.0)
139.0
85.0
2.2
3.5
1000.0
80D102P100KB2DE3
1.18 x 1.18 (30.0 x 30.0)
111.0
74.0
2.7
3.7
1500.0
80D152P100JE2DE3
0.984 x 1.97 (25.0 x 50.0)
68.0
42.0
3.9
5.9
2200.0
80D222P100KE2DE3
1.18 x 1.97 (30.0 x 50.0)
55.0
37.0
4.7
6.2
3300.0
80D332P100ME2DE3
1.38 x 1.97 (35.0 x 50.0)
50.0
37.0
5.2
6.2
200 WVDC at + 85 °C, SURGE = 250 V
150.0
80D151P200JA2DE3
0.984 x 0.984 (25.0 x 25.0)
660.0
375.0
1.3
3.2
220.0
80D221P200KA2DE3
1.18 x 0.984 (30.0 x 25.0)
460.0
272.0
1.7
3.6
330.0
80D331P200KC2DE3
1.18 x 1.38 (30.0 x 35.0)
278.0
165.0
2.4
4.9
470.0
80D471P200KD2DE3
1.18 x 1.57 (30.0 x 40.0)
220.0
131.0
2.8
5.7
680.0
80D681P200KD2DE3
1.18 x 1.57 (30.0 x 40.0)
248.0
127.0
2.1
4.7
820.0
80D821P200ME2DE3
1.38 x 1.97 (35.0 x 50.0)
130.0
82.0
4.3
7.4
1000.0
80D102P200ME2DE3
1.38 x 1.97 (35.0 x 50.0)
144.0
81.0
3.4
6.6
1200.0
80D122P200ME2DE3
1.38 x 1.97 (35.0 x 50.0)
141.0
75.0
3.4
6.6
250 WVDC at + 85 °C, SURGE = 300 V
100.0
80D101P250JA2DE3
0.984 x 0.984 (25.0 x 25.0)
720.0
377.0
1.1
3.2
150.0
80D151P250JB2DE3
0.984 x 1.18 (25.0 x 30.0)
541.0
284.0
1.4
3.8
220.0
80D221P250JD2DE3
0.984 x 1.57 (25.0 x 40.0)
343.0
182.0
2.0
5.2
330.0
80D331P250JE2DE3
0.984 x 1.97 (25.0 x 50.0)
263.0
140.0
2.5
6.3
470.0
80D471P250KE2DE3
1.18 x 1.97 (30.0 x 50.0)
185.0
101.0
3.2
7.0
680.0
80D681P250ME2DE3
1.38 x 1.97 (35.0 x 50.0)
191.0
81.0
4.0
7.4
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR (m
)
MAX. RIPPLE at + 85 °C (A)
120 Hz 10 kHz to 40 kHz
120 Hz
10 kHz to 40 kHz


Similar Part No. - 80D_12

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
80D-11 YINT-80D-11 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
80D-11 LEIDITECH-80D-11 Datasheet
3Mb / 24P
   NTC Specification
80D-11 LEIDITECH-80D-11 Datasheet
2Mb / 24P
   NTC Specification
More results

Similar Description - 80D_12

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
logo
Cornell Dubilier Electr...
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com