Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1624 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. A1624
Description  7mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A1624 Datasheet(HTML) 1 Page - Tyco Electronics

  A1624 Datasheet HTML 1Page - Tyco Electronics A1624 Datasheet HTML 2Page - Tyco Electronics A1624 Datasheet HTML 3Page - Tyco Electronics A1624 Datasheet HTML 4Page - Tyco Electronics A1624 Datasheet HTML 5Page - Tyco Electronics A1624 Datasheet HTML 6Page - Tyco Electronics A1624 Datasheet HTML 7Page - Tyco Electronics A1624 Datasheet HTML 8Page - Tyco Electronics A1624 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
1 of 10
GENERAL DESCRIPTION
The ROV07-XXX (Radial-leaded Metal Oxide Varistor)
products are 7mm radial leaded varistor devices
suitable for protection of overvoltage transients.
ROV devices can provide protection for a wide variety
of power systems against overvoltage faults such as
lightning, power contact and power induction. Suitable
for a broad range of applications including, but not
limited to security, power supplies, surge strips, etc.,
the ROV device helps to protect valuable equipment
from potential power surge damage by clamping high
energy, short duration impulses. The ROV devices
have high current handling and energy absorption
capability and fast response times to help protect
against transient faults.
FEATURES
Radial leaded
Broad Varistor voltage and Vrms range
Varistor voltage : 18V - 820V
Vrms voltage
: 11V - 510V
Two surge capability series
Standard series, High surge series
Various lead types
Straight, Kinked, Other
Various packaging options
Bulk, Tape & Reel, Ammo Pack
Helps designers meet the following standards
UL, CSA, VDE
Fast response time
High current and energy absorption capability
APPLICATIONS
Power supplies and power systems
Line voltage
Telecommunications systems
Automotive systems
Appliances
TYPICAL APPLICATION SCHEMATIC
Protected
device
*
*In some applications, a polymeric PTC device such as a Tyco Electronics PolySwitch device may be used instead of a
fuse to provide a preferred solution.


Similar Part No. - A1624

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - A1624

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-471K-S MACOM-ROV07-471K-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV20 MACOM-ROV20 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-511K MACOM-ROV20-511K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV14-241K-S-2 MACOM-ROV14-241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H561K MACOM-ROV14H561K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV05 MACOM-ROV05 Datasheet
364Kb / 10P
   5mm Series Metal Oxide Varistors
ROV14 MACOM-ROV14 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
EPCOS
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz