Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP3652 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP3652
Description  N-Channel PowerTrench MOSFET 100V, 61A, 16m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP3652 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP3652 Datasheet HTML 1Page - Fairchild Semiconductor FDP3652 Datasheet HTML 2Page - Fairchild Semiconductor FDP3652 Datasheet HTML 3Page - Fairchild Semiconductor FDP3652 Datasheet HTML 4Page - Fairchild Semiconductor FDP3652 Datasheet HTML 5Page - Fairchild Semiconductor FDP3652 Datasheet HTML 6Page - Fairchild Semiconductor FDP3652 Datasheet HTML 7Page - Fairchild Semiconductor FDP3652 Datasheet HTML 8Page - Fairchild Semiconductor FDP3652 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDB3652 / FDP3652 / FDI3652 Rev. B
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Currents
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
1.4
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
100
40
5000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
1020
3040
50
Qg, GATE CHARGE (nC)
VDD = 50V
ID = 61A
ID = 30A
WAVEFORMS IN
DESCENDING ORDER:


Similar Part No. - FDP3652

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP3652 ISC-FDP3652 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP3652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com