Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3490CN-L Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3490CN-L
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490CN-L Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3490CN-L Datasheet HTML 3Page - Exar Corporation SP3490CN-L Datasheet HTML 4Page - Exar Corporation SP3490CN-L Datasheet HTML 5Page - Exar Corporation SP3490CN-L Datasheet HTML 6Page - Exar Corporation SP3490CN-L Datasheet HTML 7Page - Exar Corporation SP3490CN-L Datasheet HTML 8Page - Exar Corporation SP3490CN-L Datasheet HTML 9Page - Exar Corporation SP3490CN-L Datasheet HTML 10Page - Exar Corporation SP3490CN-L Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
TEST CIRCUITS
R
R
V
OC
D
Vcc
V
OD
Figure . Driver DC Test Load Circuit
GENERATOR
(NOTE 1)
50Ω
C
L
OUT
D
VCC
R
L =
60Ω
CL= 15pF (NOTE 2)
Figure 3. Driver Differential Output Delay and
Transition Time Circuit.
GENERATOR
(NOTE 1)
50Ω
S1
RL = 110Ω
OUT
CL = 50pF
(NOTE 2)
VOM =
≈ 1.5V
VOH + VOL
2
D
Figure 4. Driver Enable and Disable Timing Circuit,
Output High
Figure 2. Driver Propagation Delay Test Circuit
GENERATOR
(NOTE 1)
50Ω
VCC
S1
VDM
RL = 27Ω
OUT
C L = 15pF
(NOTE 2)
VOM =
≈ 1.5V
VOH + VOL
2
D
Figure 5. Driver Enable and Disable Timing Circuit,
Output Low
GENERATOR
(NOTE 1)
50Ω
S1
RL = 110Ω
OUT
C L = 50pF
(NOTE 2)
D
0V OR 3V
VCC
GENERATOR
(NOTE 1)
50Ω
1.5V
0V
VID
R
OUT
CL = 15pF
(NOTE 2)
VOM = VCC
2
Figure 6. Receiver Propagation Delay Test Circuit
1.5V
-1.5V
S3
VID
GENERATOR
(NOTE 1)
50Ω
CL= 15pF
(NOTE 2)
R
1k
S1
S2
VCC
A/Y
D
DI = 0 or Vcc
B/Z
DE = 0 or Vcc
IOSD
100Ω
-7V to +12V V
Figure 7. Receiver Enable and Disable Timing
Circuit
Figure 8. Driver Short Circuit Current Limit Test


Similar Part No. - SP3490CN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490CN SIPEX-SP3490CN Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490CN SIPEX-SP3490CN Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
More results

Similar Description - SP3490CN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
Analog Devices
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488 Datasheet
212Kb / 12P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com