Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB2532 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDB2532
Description  N-Channel PowerTrench MOSFET 150V, 79A, 16m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB2532 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDB2532 Datasheet HTML 1Page - Fairchild Semiconductor FDB2532 Datasheet HTML 2Page - Fairchild Semiconductor FDB2532 Datasheet HTML 3Page - Fairchild Semiconductor FDB2532 Datasheet HTML 4Page - Fairchild Semiconductor FDB2532 Datasheet HTML 5Page - Fairchild Semiconductor FDB2532 Datasheet HTML 6Page - Fairchild Semiconductor FDB2532 Datasheet HTML 7Page - Fairchild Semiconductor FDB2532 Datasheet HTML 8Page - Fairchild Semiconductor FDB2532 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDB2532 / FDP2532 / FDI2532 Rev. B
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Resistive Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 0.5 mH, IAS = 40A.
2: Pulse Width = 100s
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB2532
FDB2532
TO-263AB
330mm
24mm
800 units
FDP2532
FDP2532
TO-220AB
Tube
N/A
50 units
FDI2532
FDI2532
TO-262AB
Tube
N/A
50 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
150
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 120V
-
-
1
µA
VGS = 0V
TC = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 33A, VGS = 10V
-
0.014
0.016
ID = 16A, VGS = 6V,
-
0.016
0.024
ID = 33A, VGS = 10V,
TC = 175
oC
-
0.040
0.048
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-5870
-
pF
COSS
Output Capacitance
-
615
-
pF
CRSS
Reverse Transfer Capacitance
-
135
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 75V
ID = 33A
Ig = 1.0mA
-82
107
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
11
14
nC
Qgs
Gate to Source Gate Charge
-
23
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
13
-
nC
Qgd
Gate to Drain “Miller” Charge
-
19
-
nC
tON
Turn-On Time
VDD = 75V, ID = 33A
VGS = 10V, RGS = 3.6Ω
--
69
ns
td(ON)
Turn-On Delay Time
-
16
-
ns
tr
Rise Time
-
30
-
ns
td(OFF)
Turn-Off Delay Time
-
39
-
ns
tf
Fall Time
-
17
-
ns
tOFF
Turn-Off Time
-
-
84
ns
VSD
Source to Drain Diode Voltage
ISD = 33A
-
-
1.25
V
ISD = 16A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 33A, dISD/dt= 100A/µs-
-
105
ns
QRR
Reverse Recovery Charge
ISD = 33A, dISD/dt= 100A/µs
-
-
327
nC


Similar Part No. - FDB2532

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB2532 ISC-FDB2532 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDB2532-F085 ONSEMI-FDB2532-F085 Datasheet
1Mb / 15P
   MOSFET – N-Channel, POWERTRENCH 150 V, 79 A, 16 m
May, 2020 - Rev. 2
logo
Fairchild Semiconductor
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
FDB2532_F085 FAIRCHILD-FDB2532_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
More results

Similar Description - FDB2532

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB2532_F085 FAIRCHILD-FDB2532_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com