Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB2532 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDB2532
Description  N-Channel PowerTrench MOSFET 150V, 79A, 16m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB2532 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDB2532 Datasheet HTML 3Page - Fairchild Semiconductor FDB2532 Datasheet HTML 4Page - Fairchild Semiconductor FDB2532 Datasheet HTML 5Page - Fairchild Semiconductor FDB2532 Datasheet HTML 6Page - Fairchild Semiconductor FDB2532 Datasheet HTML 7Page - Fairchild Semiconductor FDB2532 Datasheet HTML 8Page - Fairchild Semiconductor FDB2532 Datasheet HTML 9Page - Fairchild Semiconductor FDB2532 Datasheet HTML 10Page - Fairchild Semiconductor FDB2532 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDB2532 / FDP2532 / FDI2532 Rev. B
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (
oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the TO-263
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild
provides
thermal
information
to
assist
the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2 or 3. Equation 2 is used for copper area defined
in inches square and equation 3 is for area in centimeter
square. The area, in square inches or square centimeters is
the top copper area including the gate and source pads.
(EQ. 1)
P
DM
T
JM
T
A
()
RθJA
-----------------------------
=
Area in Inches Squared
(EQ. 2)
RθJA
26.51
19.84
0.262
Area
+
()
-------------------------------------
+
=
(EQ. 3)
RθJA
26.51
128
1.69
Area
+
()
----------------------------------
+
=
Area in Centimeters Squared
Figure 21. Thermal Resistance vs Mounting
Pad Area
20
40
60
80
110
0.1
RθJA = 26.51+ 19.84/(0.262+Area) EQ.2
AREA, TOP COPPER AREA in2 (cm2)
(0.645)
(6.45)
(64.5)
RθJA = 26.51+ 128/(1.69+Area) EQ.3


Similar Part No. - FDB2532

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB2532 ISC-FDB2532 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDB2532-F085 ONSEMI-FDB2532-F085 Datasheet
1Mb / 15P
   MOSFET – N-Channel, POWERTRENCH 150 V, 79 A, 16 m
May, 2020 - Rev. 2
logo
Fairchild Semiconductor
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
FDB2532_F085 FAIRCHILD-FDB2532_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
More results

Similar Description - FDB2532

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB2532_F085 FAIRCHILD-FDB2532_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com