Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4148WS Datasheet(PDF) 1 Page - First Components International

Part No. 1N4148WS
Description  High Speed Switching Diode Fast Switching Speed Automatic Insertion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4148WS Datasheet(HTML) 1 Page - First Components International

  1N4148WS Datasheet HTML 1Page - First Components International 1N4148WS Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
SOD-323
MARKING: D4
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
100
V
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak forward surge current @=1.0µs
@=1.0s
IFSM
2.0
1.0
A
Power Dissipation
Pd
200
mW
Thermal
Resistance
Junction
to
Ambient
RθJA
625
K/W
Junction temperature
Tj
125
Storage temperature
TSTG
-65~+150
Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=50mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
1
µA
VR=75V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Data Sheet


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn