Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE2E3KH102MN3A Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # DE2E3KH102MN3A
Description  Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2E3KH102MN3A Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button DE2E3KH102MN3A Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. DE2E3KH102MN3A Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
16
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan-
Lead Code Coating Extension e
A3
C3
Up to the end of crimp
3.0 max.
(in mm)
ø d
0.6
±0.05
0.6
±0.05
Style
Fig. 1
Fig. 2
D max.
T max.
T max.
<Fig. 1>
<Fig. 2>
e
ø d
F
±1.0
[Bulk]
Vertical Crimp Long (A3)
Straight Long (C3)
s Marking
Temp. Char.
Manufactured Date Code
Abbreviation
E, F
Manufacturer's
Identification
Rated Voltage
Marked with code
Capacitance Tolerance
Marked with code
Nominal Capacitance
ø9-11mm
ø7-8mm
Marked with 3 figures
102Z
250~
65
Marked with
(omitted for nominal body diameter ø8mm and under)
332Z
250~
65
D max.
T max.
T max.
<Fig. 1>
<Fig. 2>
F
±0.8
e
ø d
Lead Code Coating Extension e
B3
D3
Up to the end of crimp
3.0 max.
(in mm)
ø d
0.6
±0.05
0.6
±0.05
Style
Fig. 1
Fig. 2
[Bulk]
Vertical Crimp Short (B3)
Straight Short (D3)
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
Lead
Package
Taping (2)
DEJE3E2102Zppp
250
E
1000 +80/-20%
7 max.
7.5
4.0 max.
C3B
D3B
N2A
P3A
DEJE3E2222Zppp
250
E
2200 +80/-20%
8 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJE3E2332Zppp
250
E
3300 +80/-20%
9 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJE3E2472Zppp
250
E
4700 +80/-20%
11 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJF3E2472Zppp
250
F
4700 +80/-20%
8 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
DEJF3E2103Zppp
250
F
10000 +80/-20% 11 max.
7.5
4.0 max.
A3B
B3B
N2A
N3A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Taping (1): Lead spacing F=5.0mm, Taping (2): Lead spacing F=7.5mm.
s Features
1. Coated with flame-retardant epoxy resin (conforming
to UL94V-0 standard).
2. Cost-saving automatic insertion available.
3. This type is based on the electrical appliance and
material safety law of Japan (separated table 4).
s Applications
Ideal for use on AC line filter and primary-secondary
coupling for switching power supplies and AC adapters.
Do not use these products in any Automotive
Power train or Safety equipment including Battery
charger for Electric Vehicles and Plug-in Hybrid.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as Power train and
Safety equipment.
Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
08.10.29


Similar Part No. - DE2E3KH102MN3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2E3KH102M MURATA-DE2E3KH102M Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102M MURATA-DE2E3KH102M Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MA2 MURATA-DE2E3KH102MA2 Datasheet
181Kb / 10P
   Safety Standard Recognized Ceramic Capacitors
DE2E3KH102MA2A MURATA-DE2E3KH102MA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MA2B MURATA-DE2E3KH102MA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE2E3KH102MN3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com