Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3902 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KA3902
Description  DC FAN Motor Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3902 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3902 Datasheet HTML 3Page - Fairchild Semiconductor KA3902 Datasheet HTML 4Page - Fairchild Semiconductor KA3902 Datasheet HTML 5Page - Fairchild Semiconductor KA3902 Datasheet HTML 6Page - Fairchild Semiconductor KA3902 Datasheet HTML 7Page - Fairchild Semiconductor KA3902 Datasheet HTML 8Page - Fairchild Semiconductor KA3902 Datasheet HTML 9Page - Fairchild Semiconductor KA3902 Datasheet HTML 10Page - Fairchild Semiconductor KA3902 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FAN8902(KA3902)
7
4. Oscillator Component Selection
The oscillator timing components can be calculated as follows:
For example, if fosc = 25kHz and duty = 95%
5. Current Command Input Section
The current command I* selects the lower value between VCMD and VLa.
VH
VL
ID
CT
RT
V/CT
Vref
Logic
+
VCT [V]
VH=3.0
VL=1.75
T=40.0
TC=39.0
Td=1.0
t [
µs]
T
C
R
T
C
T
×
In Vref
V
L
() Vref V
H
()
[]
×
=
T
D
C
T
V
H
V
L
() I
D
[]
×
=
fosc
1
T
C
T
D
+
()
=
1.875
R
T
C
T
×
()
=
Duty
T
C
fosc
×
100
×
=
C
T
T
D
I
D
×
() V
H
V
L
()
=
1000 pF
[]
=
R
T
1.875
fosc
C
T
×
()
=
1.875
25kHz
1000pF
×
()
=
75 k
[]
=
+
+
+
14
1
CMD
VCMD
La
VLa
4R
R
Logic
I*
FAN8902


Similar Part No. - KA3902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3903 FAIRCHILD-KA3903 Datasheet
286Kb / 16P
   Power Window Motor Control IC
More results

Similar Description - KA3902

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2581 PTC-PT2581 Datasheet
397Kb / 7P
   Fan-Motor Controller
logo
PADAUK Technology.
DF69 PADAUK-DF69 Datasheet
1Mb / 106P
   DC Fan Controller
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1332D SANYO-LB1332D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767A PERICOM-PT8A2767A Datasheet
203Kb / 8P
   DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com