Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG5N-301-U Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XG5N-301-U
Description  Crimped MIL Connector Sockets for Discrete Wires
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5N-301-U Datasheet(HTML) 3 Page - Omron Electronics LLC

  XG5N-301-U Datasheet HTML 1Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 2Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 3Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 4Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Crimped MIL Connector Sockets for Discrete Wires
XG5N/XG5N-U
3
AssemblyTools
Manual Crimping Tool
XY2B-7007
Contact Removal Tool
XY2E-0003
Automatic Applicator
Use an Applicator that is manufactured by Japan Automatic Machine
Co., Ltd. Contact information is provided below.
Japan:
Japan Automatic Machine Co., Ltd.
TEL 03-3756-1434
China:
Japan Automatic Machine Technology (Huizhou) Ltd.
6-1-B,Songshan Industrial Park, Huizhou Zhongkai Hi-Tech
Industrial Development Zone, Huizhou,Guangdong,China
TEL(86-752)2771-614 FAX(86-752)2771-619
South-eastern Asia:
Japan Automatic Machine Singapore Pte. Ltd.
HB Centre 12 Tannery Road #04-02, Singapore 347722
TEL 65-6545-8140 FAX 65-6545-8141
USA, Europe:
Toyojamco, Ltd.
8370 Burnahm Road Suite 200 EL Paso, TX 79907 USA
TEL (915)595-8825 FAX (915)595-8794
*1: Inquire for details.
*2: This model number is for standard specifications.
Inquire for other specifications.
Safety Precautions
Crimping Method
Always use the specified Crimping Tool or Applicator to wire the
crimped contacts.
Refer to the instruction sheet that is provided separately for details.
Contact Insertion Method
Confirm the orientation of the crimped contacts and then insert them
all the way to the back of the Socket. After insertion, confirm that the
lances are securely set in the lance holes on the socket housing.
Contact Replacement Method
To remove contacts that have been incorrectly inserted, always use
the XY2E-0003 Contact Removal Tool.
1. Insert the end of the Removal
Tool into the lance hole in the
socket housing and press the
lance all the way inside the
socket housing.
2. While pressing in on the lance,
pull out the Contact.
3. Insert a new Contact.
Note: Do not use any Contacts that have
been removed.
Attaching the Lock Levers
Attach the holes in the Lock Levers to the protrusions on both sides
of the housing and make sure that they are set securely.
Precautions for Correct Use
When mating the Sockets with XG4C Box Plugs, always use the
XG5U-0001 Lock Levers. Otherwise the Connectors may become
disconnected due to vibration or shock.
Storage
1. Do not store the Sockets in locations subject to dust or high
humidity.
2. Do not store the Sockets in locations close to sources of gasses
such ammonia gas or sulfide gas.
Model
Minimum ordering quantity
(pieces)
XY2B-7007
1
Model
Minimum ordering quantity
(pieces)
XY2E-0003
1
Crimping Machine
Strip Crimper
Crimp Contacts, Type 1
Planned for the near
future. *1
SCA-106700 *2
Crimp Contacts, Type 2
Before Insertion
After Insertion (Set in Socket)
Lance hole
Lance


Similar Part No. - XG5N-301-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
List of Unclassifed Man...
Xg5 ETC2-Xg5 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
logo
Toshiba Semiconductor
XG5 TOSHIBA-XG5 Datasheet
1Mb / 13P
   XG5 SERIES CLIENT SSD
logo
Epson Company
XG5032HAN EPSON-XG5032HAN Datasheet
408Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
More results

Similar Description - XG5N-301-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
Amphenol PCD, Inc
MIL-PRF-12883 AMPHENOLPCD-MIL-PRF-12883 Datasheet
2Mb / 21P
   Amphenol Pcd MIL-PRF-12883 Relay Sockets
logo
Yamaichi Electronics Co...
HF201S-01MO YAMAICHI-HF201S-01MO Datasheet
246Kb / 2P
   Cable Sockets for HF201P
logo
Belden Inc.
734209-100 BELDEN-734209-100 Datasheet
107Kb / 2P
   Protective cap for M12 mounting sockets and cable sockets
logo
Molex Electronics Ltd.
57252-7000 MOLEX11-57252-7000 Datasheet
34Kb / 1P
   IDT Machine For MIL IDT Connector
57252-5100 MOLEX11-57252-5100 Datasheet
34Kb / 1P
   Clamp Tool For MIL IDT Connector
logo
Schneider Electric
TM5SDI4D SCHNEIDER-TM5SDI4D Datasheet
239Kb / 7P
   Discrete input module, Modicon TM5, digital 4I, 24 V DC sink, 3 wires
Apr 6, 2022
TM5SDI6D SCHNEIDER-TM5SDI6D Datasheet
284Kb / 7P
   Discrete input module, Modicon TM5, digital 6I, 24 V DC sink, 2 wires
Apr 6, 2022
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com