Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN3POS26 Datasheet(PDF) 6 Page - Switchcraft, Inc.

Part # EN3POS26
Description  EN2??SERIES SEALED CONNECTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN3POS26 Datasheet(HTML) 6 Page - Switchcraft, Inc.

  EN3POS26 Datasheet HTML 1Page - Switchcraft, Inc. EN3POS26 Datasheet HTML 2Page - Switchcraft, Inc. EN3POS26 Datasheet HTML 3Page - Switchcraft, Inc. EN3POS26 Datasheet HTML 4Page - Switchcraft, Inc. EN3POS26 Datasheet HTML 5Page - Switchcraft, Inc. EN3POS26 Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EN2SERIES SEALED CONNECTORS
NEW PRODUC T BULLE TIN 601
Pleasevisitwww.switchcraft.comforthemostup-to-dateproductspecifications.MadeinUSA.
en2panel connector field aSSembly inStructionS
0.375
9.5
MIN.
0.188±0.015
4.8±0.4
EN2 PANEL-MOUNT
CONNECTOR
CONTACTS
SOLDER OR CRIMP
CABLE
0.25
6.4
MAX PANEL THICKNESS
Strip cable end and conductors as shown.
Soldering or crimping conductors to contacts is recommended before insertion into connector.
If crimping, use hand or pneumatic crimp tool with crimp positioner per contact size.
If soldering after contacts are inserted in the connector, limit exposure of contacts
to soldering iron temperature to 4 sec. maximum. Soldering iron temperature should
not exceed 650°F (343°C).
Insert wired contacts into connector housing using an insertion tool and per contacts arrangements.
Align and install connector into panel cut-out. Tighten hex nut 5 -6 in-lb.
EN2 PANEL CONNECTOR FIELD ASSEMBLY INSTRUCTIONS:


Similar Part No. - EN3POS26

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EN3PH2F16 SWITCH-EN3PH2F16 Datasheet
76Kb / 1P
   PANEL SOCKET
EN3PH2F20 SWITCH-EN3PH2F20 Datasheet
76Kb / 1P
   PANEL SOCKET
EN3PH3F16 SWITCH-EN3PH3F16 Datasheet
76Kb / 1P
   PANEL SOCKET
EN3PH3F20 SWITCH-EN3PH3F20 Datasheet
76Kb / 1P
   PANEL SOCKET
EN3PH4F16 SWITCH-EN3PH4F16 Datasheet
76Kb / 1P
   PANEL SOCKET
More results

Similar Description - EN3POS26

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
logo
Molex Electronics Ltd.
31402-2100 MOLEX-31402-2100 Datasheet
305Kb / 4P
   MX64 Single Row Sealed Connectors
logo
List of Unclassifed Man...
JBXFD1G05MCSDSMR ETC2-JBXFD1G05MCSDSMR Datasheet
4Mb / 44P
   Sealed and Unsealed Push-Pull Connectors
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
   LEDxR90S Series Sealed Ring Lights
logo
ITT Industries
BFH ITT-BFH Datasheet
67Kb / 1P
   Hermetically sealed versions of the BFR and TBF receptacle connectors.
logo
Analog Devices
KSA1M211 AD-KSA1M211 Datasheet
249Kb / 5P
   KSA & KSL Series Sealed Tact Switch
logo
CW Industries
GRB244D8SERIES CWIND-GRB244D8SERIES Datasheet
149Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com