Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8200 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN8200
Description  Low Voltage/Low Saturation Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8200 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN8200 Datasheet HTML 1Page - Fairchild Semiconductor FAN8200 Datasheet HTML 2Page - Fairchild Semiconductor FAN8200 Datasheet HTML 3Page - Fairchild Semiconductor FAN8200 Datasheet HTML 4Page - Fairchild Semiconductor FAN8200 Datasheet HTML 5Page - Fairchild Semiconductor FAN8200 Datasheet HTML 6Page - Fairchild Semiconductor FAN8200 Datasheet HTML 7Page - Fairchild Semiconductor FAN8200 Datasheet HTML 8Page - Fairchild Semiconductor FAN8200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FAN8200/FAN8200D/FAN8200MTC FAN8200MP
5
Power Dissipation Curve (Continued)
Recommended Operating Conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max
Unit
Logic circuit supply voltage
VCC
2.5
-
7.0
V
Power supply voltage
VS
2.5
-
7.0
V
0
025
50
75
100
125
Ambient temperature, Ta [
°C]
150
175
0.5
1.0
Power
Dissipation
: PD[W]
FAN8200MTC
SOA
0
025
50
75
100
125
Ambient temperature, Ta [
°C]
150
175
0.5
1.0
Power
Dissipation
: PD[W]
FAN8200MP
SOA


Similar Part No. - FAN8200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200 Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200D FAIRCHILD-FAN8200D Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200DTF FAIRCHILD-FAN8200DTF Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200MPX FAIRCHILD-FAN8200MPX Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200MTC FAIRCHILD-FAN8200MTC Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
More results

Similar Description - FAN8200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200_04 Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
logo
ON Semiconductor
LV8549MC-AH ONSEMI-LV8549MC-AH Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
ENA2039-D ONSEMI-ENA2039-D Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8549M SANYO-LV8549M Datasheet
166Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB8632V SANYO-LB8632V Datasheet
381Kb / 18P
   Low-Voltage/Low-Saturation Camera Motor Driver?
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com