Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8082 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN8082
Description  Bi-directional DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8082 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN8082 Datasheet HTML 2Page - Fairchild Semiconductor FAN8082 Datasheet HTML 3Page - Fairchild Semiconductor FAN8082 Datasheet HTML 4Page - Fairchild Semiconductor FAN8082 Datasheet HTML 5Page - Fairchild Semiconductor FAN8082 Datasheet HTML 6Page - Fairchild Semiconductor FAN8082 Datasheet HTML 7Page - Fairchild Semiconductor FAN8082 Datasheet HTML 8Page - Fairchild Semiconductor FAN8082 Datasheet HTML 9Page - Fairchild Semiconductor FAN8082 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FAN8082 (KA3082N)
6
Application Information
1. THERMAL SHUT DOWN CIRCUIT
When Ta = 25
°C, Q2 & Q3 are Turned-off and output stage operates normally.
V1 = I × (R1 + R2)
V2 = R2 / (R1 + R2) × V1 = 0.37V
When Ta = 165
°C, Q2 & Q3 Turn-on and it turns-off the output stage.
0.70V - 0.37V = 330mV (When Q2 & Q3 are Turn-on, VbeQ2 = VbeQ3 = 0.70V)
And temperature coefficient of Q2 = Q3 = −2mV / °C
∴ T.S.D: 330mV / 2mV = 165°C
2. LOGIC INPUT & OUTPUT TABLE
INPUT High is above 2.0V.
INPUT Low is below 0.7V.
*Low : All Power TRs are off-state.
But internal Bias makes output Voltage low state.
Input
Output
Motor
Pin #4
Pin #5
Pin #2
Pin #8
Low
Low
*Low
*Low
Brake
High
Low
High
Low
Forward
Low
High
Low
High
Reverse
High
High
*Low
*Low
Brake
I
V1
V2
Q1
R1
R2
Q2
Q3


Similar Part No. - FAN8082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
FAN8082DTF FAIRCHILD-FAN8082DTF Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
More results

Similar Description - FAN8082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3084D FAIRCHILD-KA3084D Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com