Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8045G3 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN8045G3
Description  4-CH Motor Driver (5 Input & 4 Output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8045G3 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN8045G3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FAN8045G3
7
Absolute Maximum Ratings ( Ta=25
°C)
Notes:
1. When it is mounted on 70mm
× 70mm × 1.6mm PCB.
2. Power dissipation decreases at the rate of 20mW/
°C in TA >25°C.
3. Do not exceed PD and SOA.
Recommended Operating Conditions ( Ta=25
°C)
Parameter
Symbol
Value
Unit
Maximum Supply Voltage
SVCCMAX
18
V
PVCC1MAX
18
V
PVCC2MAX
18
V
Power Dissipation
PD
2.5note1,2,3
W
Operating Temperature
TOPR
−35 ~ +85
°C
Storge Temperature
TSTG
−55 ~ +150
°C
Maximum Output Current
IOMAX
1A
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Supply Voltage
SVCC
4.5
-
14
V
PVCC1
4.5
-
SVCC
V
PVCC2
4.5
-
SVCC
V
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]
SOA


Similar Part No. - FAN8045G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3 FAIRCHILD-FAN8040G3 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3X FAIRCHILD-FAN8040G3X Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
More results

Similar Description - FAN8045G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com