Electronic Components Datasheet Search |
|
IMD9A Datasheet(PDF) 1 Page - Rohm |
|
IMD9A Datasheet(HTML) 1 Page - Rohm |
1 / 4 page 1/3 www.rohm.com ○ c 2010 ROHM Co., Ltd. All rights reserved. 2010.01 - Rev.D Digital Transistor (Dual Digital Transistors for Inverter Drive) EMD9 / UMD9N / IMD9A Features Dimensions (Unit : mm) 1) DTA114Y and DTC114Y transistors are built-in a EMT or UMT or SMT package. Inner circuit R1 DTr2 DTr1 DTr2 DTr1 R2 R1 =10kΩ R2 =47kΩ R1 =10kΩ R2 =47kΩ R2 R1 (1) (3) (4) (5) (6) (2) EMD9 / UMD9N R1 R2 R2 R1 (6) (4) (3) (2) (1) (5) IMD9A Package, marking, and packaging specifications Type EMD9 EMT6 D9 T2R 8000 UMD9N UMT6 D9 TR 3000 IMD9A SMT6 D9 T108 3000 Package Marking Code Basic ordering unit (pieces) Absolute maximum ratings (Ta=25 C) Parameter ∗1 120mW per element must not be exceeded. PNP type negative symbols have been omitted. ∗2 200mW per element must not be exceeded. PNP type negative symbols have been omitted. EMD9, UMD9N IMD9A Limits 50 −6 to +40 70 300(TOTAL) 150(TOTAL) −55 to +150 Unit V V mA Symbol VCC VIN IO Pd Tj Tstg IC (Max.) 100 150 mA mW mW ∗1 ∗2 °C °C Supply voltage Input voltage Output current Collector current Power dissipation Storage temperature Junction temperature Electrical characteristics (Ta=25 C) Parameter Symbol Min. Typ. Max. Unit Conditions VI(off) VI(on) VO(on) II IO(off) GI fT R2/R1 − 1.4 − − − − 68 3.7 − − 0.1 − − − 250 − 4.7 0.3 − 0.3 0.88 0.5 − − ∗ ∗ 5.7 V V mA mA MHz − R1 710 − 13 kW − VCC=5V , IO=100 μA VO=0.3V , IO=1mA IO=5mA , II=0.25mA VI=5V VCC=50V , VI=0V VCE=10V , IE = −5mA , f=100MHz IO=5mA , VO=5V Input voltage Output voltage Input current Output current DC current gain Transition frequency Input resistance Resistance ratio PNP type negative symbols have been omitted. Characteristics of built-in transistor. ROHM : EMT6 EMD9 ROHM : UMT6 EIAJ : SC-88 UMD9N Abbreviated symbol : D9 Abbreviated symbol : D9 Abbreviated symbol : D9 ROHM : SMT6 EIAJ : SC-74 IMD9A Each lead has same dimensions Each lead has same dimensions Each lead has same dimensions 0.1Min. 2.1 1.25 0.3to0.6 2.8 1.6 1.2 1.6 (1) (2) (5) (3) (6) (4) |
Similar Part No. - IMD9A |
|
Similar Description - IMD9A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |