Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8033 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN8033
Description  6-Channel Motor Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8033 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8033 Datasheet HTML 1Page - Fairchild Semiconductor FAN8033 Datasheet HTML 2Page - Fairchild Semiconductor FAN8033 Datasheet HTML 3Page - Fairchild Semiconductor FAN8033 Datasheet HTML 4Page - Fairchild Semiconductor FAN8033 Datasheet HTML 5Page - Fairchild Semiconductor FAN8033 Datasheet HTML 6Page - Fairchild Semiconductor FAN8033 Datasheet HTML 7Page - Fairchild Semiconductor FAN8033 Datasheet HTML 8Page - Fairchild Semiconductor FAN8033 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 1.0.2
February. 2000.
1
Features
• 4-CH balanced transformerless (BTL) driver
• 2-CH (forward-reverse) control DC motor driver
• Operating supply voltage (4.5V ~ 16V)
• Built-in thermal shut down circuit (TSD)
• Built-in under voltage lockout circuit (UVLO)
• Built-in over voltage protection circuit (OVP)
• Built-in mute circuit (CH1, CH2, CH3 and CH4)
• Built-in normal op-amp
• Built-in 5V regulator with reset
Description
The FAN8033 is a monolithic integrated circuit suitable for a
6-ch motor driver which drives the tracking actuator, focus
actuator, sled motor, tray motor, change motor and spindle
motor of the CDP/CAR-CD systems.
48-QFPH-1414
Typical Applications
• Compact disk player (CDP) with tray and changer
• Video compact disk player (VCD) with tray and changer
• Automotive compact disk player (CDP) with tray and
changer
• Other compact disk media
Ordering Information
Device
Package
Operating Temp.
FAN8033
48-QFPH-1414
−−−−35°°°°C ~ +85°°°°C
FAN8033
6-Channel Motor Drive IC


Similar Part No. - FAN8033

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8036 FAIRCHILD-FAN8036 Datasheet
388Kb / 23P
   5-CH Motor Driver 2-Regulator
More results

Similar Description - FAN8033

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
FAN8038C FAIRCHILD-FAN8038C Datasheet
405Kb / 16P
   4-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Fairchild Semiconductor
KA7405D FAIRCHILD-KA7405D Datasheet
182Kb / 12P
   2-Channel DC Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com