Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8024BD Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN8024BD
Description  4-Channel Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8024BD Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN8024BD Datasheet HTML 2Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 3Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 4Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 5Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 6Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 7Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 8Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 9Page - Fairchild Semiconductor FAN8024BD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FAN8024BD
8
Application Information
1. Reference Input & Stand-by Function
• Reference input (PIN 27)
The applied voltage at the reference input pin must be between 0.8V and 6.5V, when VCC=8.5V.
• Stand-by input (PIN 28)
The following input conditions must be satisfied for the normal stand-by function.
2. Protection Function
Thermal shutdown (TSD)
If the chip temperature rises above 175
°C, the thermal shutdown (TSD) circuit is activated and the output circuit is in the mute
state, that is off state. The TSD circuit has a temperature hysteresis of 25
°C
3. Separation Of Power Supply
•PVCC1 (PIN 9)
PVCC1 is the power supply for loading driver. The range is between 5V ~ 12V.
•PVCC2 (PIN 21)
PVCC2 is the power supply for actuator drivers that include focus and tracking actuators. The range is between 5V ~ 12V
•VCC (PIN 8)
VCC pin supplies power for sled driver and signal logic part. The voltage applied to VCC must be higher than PVcc1
and PVCC2 at least 1V
Stand-by input voltage
Below 0.5V or OPEN
Stand-by function is activated so the bias block and the
power block are disabled
Stand-by input voltage
Above 2.0V
Normal operation


Similar Part No. - FAN8024BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
FAN8024CDTF FAIRCHILD-FAN8024CDTF Datasheet
179Kb / 12P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
FAN8024DTF FAIRCHILD-FAN8024DTF Datasheet
192Kb / 11P
   4-Channel Motor Driver
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
More results

Similar Description - FAN8024BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com