Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E3116SSG Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86E3116SSG
Description  Z8 4K OTP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E3116SSG Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86E3116SSG Datasheet HTML 5Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 6Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 7Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 8Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 9Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 10Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 11Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 12Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Z86E30/E31/E40
Zilog
Z8 4K OTP Microcontroller
DS97Z8X0502
P R E L I M I N A R Y
9
1
Figure 8. 44-Pin QFP Pin Configuration
EPROM Programming Mode
34
44
D1
D2
D3
D4
NC
NC
NC
D5
D6
D7
A4
PGM
A10
A11
A9
NC
NC
NC
A8
VPP
EPM
OE
1
23
33
44 -Pin QFP
11
22
12
Table 6. 44-Pin QFP Pin Identification
EPROM Programming Mode
Pin #
Symbol
Function
Direction
1–2
A5–A6
Address 5,6
Input
3–4
NC
No Connection
5
A7
Address 7
Input
6–7
VCC
Power Supply
8–10
NC
No Connection
11
CE
Chip Select
Input
12
OE
Output Enable
Input
13
EPM
EPROM Prog.
Mode
Input
14
VPP
Prog. Voltage
Input
15
A8
Address 8
Input
16–18
NC
No Connection
19
A9
Address 9
Input
20
A11
Address 11
Input
21
A10
Address 10
Input
22
PGM
Prog. Mode
Input
23–24
A0,A1
Address 0,1
Input
25–26
NC
No Connection
27
A2
Address 2
Input
28–29
GND
Ground
30–31
NC
No Connection
32
A3
Address 3
Input
33–37
D0–D4
Data 0,1,2,3,4
In/Output
38–40
NC
No Connection
41–43
D5–D7
Data 5,6,7
In/Output
44
A4
Address 4
Input
Table 6. 44-Pin QFP Pin Identification
EPROM Programming Mode
Pin #
Symbol
Function
Direction
44-Pin LQFP
Figure 8. 44-Pin LQFP Pin Configuration
EPROM Programming Mode
Table 6. 44-Pin LQFP Pin Configuration
EPROM Programming Mode
Table 6. 44-Pin LQFP Pin Configuration
EPROM Programming Mode


Similar Part No. - Z86E3116SSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E3116SSC ZILOG-Z86E3116SSC Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
More results

Similar Description - Z86E3116SSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E30 ZILOG-Z86E30 Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com