Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFL18ST506H1A3 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # NFL18ST506H1A3
Description  SMD/BLOCK Type EMI Suppression Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFL18ST506H1A3 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button NFL18ST506H1A3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NFL18ST506H1A3 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
109
NFR21GD1012202
100pF+20%-20%
50mA
50Vdc
NFR21GD1014702
100pF+20%-20%
35mA
50Vdc
NFR21GD1016802
100pF+20%-20%
30mA
50Vdc
NFR21GD1011012
100pF+20%-20%
25mA
50Vdc
NFR21GD1002202
10pF+20%-20%
50mA
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
50Vdc
RC Combined Type
for Signal Lines
0805
RC Combined
Array Type
for Signal Lines
1206
NFR21GD1004702
10pF+20%-20%
35mA
50Vdc
NFR21GD4702202
47pF+20%-20%
50mA
50Vdc
NFR21GD4704702
47pF+20%-20%
35mA
50Vdc
NFR21GD4706802
47pF+20%-20%
30mA
50Vdc
NFR21GD4701012
47pF+20%-20%
25mA
50Vdc
NFA31GD1006R84
10pF+20%-20%
50mA
6Vdc
NFA31GD1004704
10pF+20%-20%
20mA
6Vdc
NFA31GD1001014
10pF+20%-20%
15mA
6Vdc
NFA31GD4706R84
47pF+20%-20%
50mA
6Vdc
NFA31GD4703304
47pF+20%-20%
20mA
6Vdc
NFA31GD4704704
47pF+20%-20%
20mA
6Vdc
NFA31GD4701014
47pF+20%-20%
15mA
6Vdc
NFA31GD1016R84
100pF+20%-20%
50mA
6Vdc
NFA31GD1014704
100pF+20%-20%
20mA
6Vdc
NFA31GD1011014
100pF+20%-20%
15mA
6Vdc
p136
p137
Part Number
Rated
Voltage
Capacitance
Nominal
Cut-off
Frequency
Rated
Current
Type
Size Code
(Inch)
Thickness
(mm)
-
-
-
-
-
-
-
-
-
--
--
--
--
--
--
--
--
--
NFW31SP106X1E4
10MHz
NFW31SP206X1E4
20MHz
NFW31SP506X1E4
50MHz
NFW31SP107X1E4
100MHz
NFW31SP157X1E4
150MHz
NFW31SP207X1E4
200MHz
NFW31SP307X1E4
300MHz
NFW31SP407X1E4
400MHz
NFW31SP507X1E4
500MHz
LC Combined
Wire Wound Type
for Signal Lines
1206
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
p134
NFp Chip EMIFILr Series Line Up


Similar Part No. - NFL18ST506H1A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFL18ST506H1A3 MURATA1-NFL18ST506H1A3 Datasheet
398Kb / 3P
   This product is compact size EMI suppression filter of 1.6x0.8x0.6mm.
Last updated07/26/2022
NFL18ST506H1A3B MURATA1-NFL18ST506H1A3B Datasheet
398Kb / 3P
   This product is compact size EMI suppression filter of 1.6x0.8x0.6mm.
Last updated07/26/2022
NFL18ST506H1A3D MURATA1-NFL18ST506H1A3D Datasheet
398Kb / 3P
   This product is compact size EMI suppression filter of 1.6x0.8x0.6mm.
Last updated07/26/2022
NFL18ST506H1A3 MURATA1-NFL18ST506H1A3_V01 Datasheet
398Kb / 3P
   This product is compact size EMI suppression filter of 1.6x0.8x0.6mm.
Last updated07/26/2022
More results

Similar Description - NFL18ST506H1A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com