Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM18PS474R0J3 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NFM18PS474R0J3
Description  SMD/BLOCK Type EMI Suppression Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM18PS474R0J3 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NFM18PS474R0J3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFM18PS474R0J3 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
106
Part Numbering
NFp Chip EMIFILr
RC Combined
(Part Number)
t
470
y
470
q
NF
r
GD
e
21
2
ui
L
w
R
eDimensions (LgW)
Code
2.0g1.25mm
3.2g1.6mm
Dimensions (LgW)
21
31
qProduct ID
NF
Chip EMIFILr
Product ID
wStructure
R
A
RC Combined Type
RC Combined Array Type
Code
Structure
iPackaging
L
B
D
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø180mm Reel)
Code
Packaging
NFR
All Series
NFAppGD
Series
2
Sn Plating
Code
Electrode
tCapacitance
Expressed by three figures. The unit is in pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
rFeatures
Code
RC Combined Type for Signal Lines
Features
GD
yResistance
Expressed by three-digit alphanumerics. The unit is in ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two
figures. If there is a decimal point, it is expressed by the capital
letter "
R". In this case, all figures are significant digits.
uElectrode/Others (NFR Series)
4
4 Circuits
Code
Number of Circuits
uNumber of Circuits (NFAppGD Series)
0805
1206
EIA
LC Combined (2)
(Part Number)
t
207
q
NF
y
X
r
SL
e
21
w
A
u
1A
i
4
o
5
!0
L
eDimensions (LgW)
Code
1.6g0.8mm
2.0g1.25mm
Dimensions (LgW)
0603
0805
EIA
18
21
qProduct ID
NF
Chip EMIFILr
Product ID
wStructure
A
Array Type
Code
Structure
rFeatures (1)
Code
L Circuit for Signal Lines
L Circuit for Differential Signal
Features
SL
SD
tCut-off Frequency
Expressed by three figures. The unit is in hertz (Hz). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
yFeatures (2)
X
V
Expressed by a letter
Code
Features
oDimensions (T)
5
8
Low Profile
Standard
Code
Dimensions (T)
!0Packaging
B
L
Bulk
Embossed Taping (ø180mm Reel)
Code
Packaging
4
4 Circuits
Code
Number of Circuits
uRated Voltage
1A
10V
Code
Rated Voltage
iNumber of Circuits


Similar Part No. - NFM18PS474R0J3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18PS474R0J3 MURATA-NFM18PS474R0J3 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
NFM18PS474R0J3D MURATA-NFM18PS474R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
More results

Similar Description - NFM18PS474R0J3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com