Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSR03 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # OSR03
Description  2.5VDC~30VDC WIDE INPUT RANGE UP TO 45Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

OSR03 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  OSR03 Datasheet HTML 1Page - Power Mate Technology Co., LTD OSR03 Datasheet HTML 2Page - Power Mate Technology Co., LTD OSR03 Datasheet HTML 3Page - Power Mate Technology Co., LTD OSR03 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.pduke.com
2013/5/3
OSR03-SERIES
DC-DC CONVERTER
2.5VDC~30VDC WIDE INPUT RANGE
UP TO 45Watts
FEATURES
APPLICATIONS
SMALL SIZE AND LOW PROFILE : 0.37 X 0.24 X 0.61: 0.41 X 0.24 X 0.65 INCH
OPEN FRAME PACKAGES
NEGATIVE OUTPUT APPLICATION
REMOTE ON/OFF
ADJUSTABLE OUTPUT VLOTAGE
SHORT CIRCUIT PROTECTION
OVER-TEMPERATURE PROTECTION
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
NON
IOSOLATION
REMOTE
CONTROL
OCP
SCP
OTP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Positive output application
Maximum
Capacitor Load
Input Range
Output Voltage
Output Current
@FullLoad
Input Current
@ No Load
Efficiency
ESR
≧1mΩ
ESR
≧10mΩ
Model
Number
VDC
VDC
A
mA
%
µ
F
OSR03-05S2P5
2.5 ~ 5.5
0.6 ~ 3.3
3
20
95.0@2.5Vo
1000
3000
OSR03-12S3P3
4.5 ~ 14
0.59 ~ 6.0
3
25
93.0@3.3Vo
1000
3000
OSR03-24S05
10 ~ 30
3.0 ~ 6.0
3
25
91.0@5.0Vo
1000
3000
OSR03-24S12
10 ~ 30
5.0 ~ 15
3
30
95.0@12Vo
500
1200
Negative output application
Input Range
Output Voltage
Output Current(2)
@FullLoad
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
OSR03-12S3P3
4.7 ~ 13
-0.59 ~ -6.0
2.2
35
90.0@-3.3Vo
780
OSR03-24S05
10 ~ 27
-3.0 ~ -6.0
2.2
35
90.0@-5.0Vo
2200
OSR03-24S12
10 ~ 25
-5.0 ~ -15
1.2
60
91.0@-12Vo
580
*Please see page 2 input specifications for input range details.
PART NUMBER STRUCTURE
OSR03 -
24
S
05
A
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Assembly
Option
Positive
05:
12:
24:
2.5~5.5
4.5~14
10~ 30
2P5:
3P3:
05:
12:
0.6~ 3.3
0.59~6.0
3.0~6.0
5.0~15
Negative
05:
12:
24:
4.7~13
10~ 27
10~ 25
S: Single
3P3:
05:
12:
-0.59~ -6.0
-3.0~ -6.0
-5.0~ -15
:
A:
Standard
Horizontal type


Similar Part No. - OSR03

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
OSR03-05S2P5 P-DUKE-OSR03-05S2P5 Datasheet
442Kb / 4P
   DC-DC CONVERTER
OSR03-12S3P3 P-DUKE-OSR03-12S3P3 Datasheet
442Kb / 4P
   DC-DC CONVERTER
OSR03-24S05 P-DUKE-OSR03-24S05 Datasheet
442Kb / 4P
   DC-DC CONVERTER
OSR03-24S12 P-DUKE-OSR03-24S12 Datasheet
442Kb / 4P
   DC-DC CONVERTER
OSR03 P-DUKE-OSR03_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - OSR03

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS02 P-DUKE-PDS02_15 Datasheet
537Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com