Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR01 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # NSR01
Description  NON- ISOLATION DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

NSR01 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  NSR01 Datasheet HTML 1Page - Power Mate Technology Co., LTD NSR01 Datasheet HTML 2Page - Power Mate Technology Co., LTD NSR01 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2013/5/3
NSR01 SERIES
NON- ISOLATION DC-DC CONVERTER
MECHANICAL DRAWING FOR STARDANDS
MECHANICAL DRAWING FOR SUFFIX-A
PIN CONNECTION
PIN
DEFINE
1
+VIN
2
GND
3
+VOUT
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
PIN CONNECTION
PIN
DEFINE
1
+VIN
2
GND
3
+VOUT
NSR01-12S05 –5Vout DERATING CURVE
C1 and C2 are required and should be fitted close to the converter pins.
Maximum capacitive load including C2 is 470uF.
C1
10uF / 50V
1210 X5R MLCC
C2
10uF / 25V
1206 X5R MLCC


Similar Part No. - NSR01

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
NSR01-12S05 P-DUKE-NSR01-12S05 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01-12S09 P-DUKE-NSR01-12S09 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01-12S1P5 P-DUKE-NSR01-12S1P5 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01-12S1P8 P-DUKE-NSR01-12S1P8 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01-12S2P5 P-DUKE-NSR01-12S2P5 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
More results

Similar Description - NSR01

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01_14 Datasheet
368Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0 Datasheet
464Kb / 2P
   NON- ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01_14 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0_14 Datasheet
462Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Bel Fuse Inc.
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com